Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1024B-15TI Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C1024B-15TI
Description  5V 128K X 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024B-15TI Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  AS7C1024B-15TI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024B-15TI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024B-15TI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024B-15TI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024B-15TI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024B-15TI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024B-15TI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024B-15TI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024B-15TI Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AS7C1024B
3/26/04, v 1.2
Alliance Semiconductor
P. 7 of 9
®
Package dimensions
Seating
Plane
e
b
E
Hd
D
α
c
L
A1
A
A2
pin 1
pin 32
pin 16
pin 17
Pin 1
D
e
E1E2
A1
B
b
A
A2
E
c
32-pin SOJ 300
mil
32-pin SOJ 400
mil
Min
Max
Min
Max
A
0.128
0.145
0.132
0.146
A1
0.025
-
0.025
-
A2
0.095
0.105
0.105
0.115
B
0.026
0.032
0.026
0.032
b
0.016
0.020
0.015
0.020
c
0.007
0.010
0.007
0.013
D
0.820
0.830
0.820
0.830
E
0.255
0.275
0.354
0.378
E1
0.295
0.305
0.395
0.405
E2
0.330
0.340
0.435
0.445
e
0.050 BSC
0.050 BSC
32-pin TSOP 8×20 mm
Min
Max
A
1.20
A1
0.05
0.15
A2
0.95
1.05
b
0.17
0.27
c
0.10
0.21
D
18.30
18.50
e
0.50 nominal
E
7.90
8.10
Hd
19.80
20.20
L
0.50
0.70
α


Similar Part No. - AS7C1024B-15TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C1024B-15TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com