Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C3364NTF36B-80TQC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C3364NTF36B-80TQC
Description  3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364NTF36B-80TQC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C3364NTF36B-80TQC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3364NTF36B-80TQC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3364NTF36B-80TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364NTF36B-80TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364NTF36B-80TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364NTF36B-80TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364NTF36B-80TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364NTF36B-80TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364NTF36B-80TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
®
AS7C3364NTF32B/36B
4/28/05, v 1.0
Alliance Semiconductor
P. 3 of 19
100-pin TQFP - top view
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
TQFP 14 x 20mm
NC/DQPc
DQc0
DQc1
VDDQ
VSSQ
DQc2
DQc3
DQc4
DQc5
VSSQ
VDDQ
DQc6
DQc7
NC
VDD
NC
VSS
DQd0
DQd1
VDDQ
VSSQ
DQd2
DQd3
DQd4
DQd5
VSSQ
VDDQ
DQd6
DQd7
NC/DQPd
DQPb/NC
DQb7
DQb6
VDDQ
VSSQ
DQb5
DQb4
DQb3
DQb2
VSSQ
VDDQ
DQb1
DQb0
VSS
ZZ
DQa7
DQa6
VDDQ
VSSQ
DQa5
DQa4
DQa3
DQa2
VSSQ
VDDQ
DQa1
DQa0
DQPa/NC
VDD
NC
Note: For pins 1, 30, 51, and 80, NC applies to the x32 configuration. DQPn applies to the x36 configuration.


Similar Part No. - AS7C3364NTF36B-80TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQC ALSC-AS7C3364NTD32B-133TQC Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQCN ALSC-AS7C3364NTD32B-133TQCN Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQI ALSC-AS7C3364NTD32B-133TQI Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQIN ALSC-AS7C3364NTD32B-133TQIN Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C3364NTF36B-80TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF32B ALSC-AS7C33128NTF32B Datasheet
416Kb / 18P
   3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
   3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF32A ALSC-AS7C33256NTF32A Datasheet
427Kb / 18P
   3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
   2.5V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTF18A ALSC-AS7C331MNTF18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF18B ALSC-AS7C33256NTF18B Datasheet
427Kb / 18P
   3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com