Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS-401LC12R Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # DSS-401LC12R
Description  DIA SURGE SUPPRESSOR (DSS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

DSS-401LC12R Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  DSS-401LC12R Datasheet HTML 1Page - Mitsubishi Electric Semiconductor DSS-401LC12R Datasheet HTML 2Page - Mitsubishi Electric Semiconductor DSS-401LC12R Datasheet HTML 3Page - Mitsubishi Electric Semiconductor DSS-401LC12R Datasheet HTML 4Page - Mitsubishi Electric Semiconductor DSS-401LC12R Datasheet HTML 5Page - Mitsubishi Electric Semiconductor DSS-401LC12R Datasheet HTML 6Page - Mitsubishi Electric Semiconductor DSS-401LC12R Datasheet HTML 7Page - Mitsubishi Electric Semiconductor DSS-401LC12R Datasheet HTML 8Page - Mitsubishi Electric Semiconductor DSS-401LC12R Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
3000
DSS–272M
2000
1000
アーク放電
グロー放電
0
10–3
10–2
10–1
3000
DSS–302M
2000
1000
0
10–3
10–2
10–1
アーク放電
グロー放電
サージ原波形
1μsec./div.
■V–l特性
■サージ吸収特性
1μsec./div.
DSS–272M吸収波形
1μsec./div.
DSS–302M吸収波形
放電電流 Discharge current(A)
Arc discharge region
Glow discharge region
放電電流 Discharge current(A)
Arc discharge region
Glow discharge region
Original waveform
1.2/50µsec.–10kV
Characteristics
Surge absorption characteristics
DSS–272M Absorption waveform
DSS–302M Absorption waveform
18


Similar Part No. - DSS-401LC12R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DSS-4250 ADVANTECH-DSS-4250 Datasheet
1Mb / 4P
   42 All-in-One Digital Signage Station
DSS-4270 ADVANTECH-DSS-4270 Datasheet
1Mb / 4P
   42 All-in-One Digital Signage Station
DSS-4270PFA ADVANTECH-DSS-4270PFA Datasheet
1Mb / 4P
   42 All-in-One Digital Signage Station
logo
List of Unclassifed Man...
DSS-4832-100R ETC-DSS-4832-100R Datasheet
126Kb / 1P
   Surface Mount Drum Core Power Inductors
DSS-4832-101R ETC-DSS-4832-101R Datasheet
126Kb / 1P
   Surface Mount Drum Core Power Inductors
More results

Similar Description - DSS-401LC12R

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com