Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP719 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP719
Description  TOSHIBA PHOTOCOUPLER GaAlAs IRED PHOTO- IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP719 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP719 Datasheet HTML 1Page - Toshiba Semiconductor TLP719 Datasheet HTML 2Page - Toshiba Semiconductor TLP719 Datasheet HTML 3Page - Toshiba Semiconductor TLP719 Datasheet HTML 4Page - Toshiba Semiconductor TLP719 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLP719
2003-09-5
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 16mA
1.65
1.85
V
Forward voltage
Temperature coefficient
?VF / ?Ta
IF = 16mA
?
−2
?
mV / °C
Reverse current
IR
VR = 5V
?
?
10
µA
Capacitance between
terminal
CT
VF = 0V , f = 1MHz
?
45
?
pF
IOH (1)
IF = 0mA ,VCC = VO = 5.5V
?
3
500
nA
IOH (2)
IF = 0mA ,VCC = 30V
VO = 20V
?
?
5
High level output current
IOH
IF = 0mA ,VCC = 30V
VO = 20V,Ta = 70°C
?
?
50
µA
High level supply
voltage
ICCH
IF = 0mA ,VCC = 30V
?
0.01
1
µA
Supply voltage
VCC
ICC = 0.01mA
30
?
?
V
Output voltage
VO
IO = 0.5mA
20
?
?
V
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Current transfer ratio
IO / IF
IF = 16mA ,VCC = 4.5V
VO = 0.4V
20
?
?
%
Low level output voltage
VOL
IF = 16mA ,VCC = 4.5V
IO = 2.4mA
?
?
0.4
V
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
V = 0V , f = 1MHz
(Note 6)
?
0.8
?
pF
Isolation resistance
RS
R.H. = 60% ,VS = 500V
(Note 6)
1×10
12
10
14
?
O
AC,1 minute
5000
?
?
AC,1 second , in oil
?
10000
?
Vrms
Isolation voltage
BVS
DC,1 minute , in oil
?
10000
?
Vdc


Similar Part No. - TLP719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP719 TOSHIBA-TLP719 Datasheet
205Kb / 7P
   Microprocessor system interfaces
TLP719F TOSHIBA-TLP719F Datasheet
127Kb / 2P
   Digital logic ground isolation
TLP719 TOSHIBA-TLP719_07 Datasheet
205Kb / 7P
   Microprocessor system interfaces
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
   Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results

Similar Description - TLP719

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554 Datasheet
404Kb / 8P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO-IC
TLP559 TOSHIBA-TLP559 Datasheet
152Kb / 5P
   TOSHIBA PHOTOCOUPLER GaAlAs IRED & PHOTO IC
TLP2531 TOSHIBA-TLP2531 Datasheet
188Kb / 8P
   TOSHIBA Photocoupler GaALAs Ired & Photo IC
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
   TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP716 TOSHIBA-TLP716 Datasheet
83Kb / 5P
   TOSHIBA Photocoupler GaAlAs IRED & Photo- IC
TLP168J TOSHIBA-TLP168J Datasheet
169Kb / 5P
   TOSHIBA Photocoupler GaALAs IRed & Photo-Triac
TLP151 TOSHIBA-TLP151 Datasheet
526Kb / 8P
   TOSHIBA Photocoupler IRED Photo IC
2019-10-10
TLP155E TOSHIBA-TLP155E Datasheet
531Kb / 15P
   TOSHIBA Photocoupler IRED Photo IC
2019-05-27
TLP591B TOSHIBA-TLP591B Datasheet
153Kb / 4P
   TOSHIBA Photocoupler GaALAs Ired & Photo-Diode Array
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
   TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com