Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJF6668 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJF6668
Description  COMPLEMENTARY SILICON POWER DARLINGTONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF6668 Datasheet(HTML) 4 Page - ON Semiconductor

  MJF6668 Datasheet HTML 1Page - ON Semiconductor MJF6668 Datasheet HTML 2Page - ON Semiconductor MJF6668 Datasheet HTML 3Page - ON Semiconductor MJF6668 Datasheet HTML 4Page - ON Semiconductor MJF6668 Datasheet HTML 5Page - ON Semiconductor MJF6668 Datasheet HTML 6Page - ON Semiconductor MJF6668 Datasheet HTML 7Page - ON Semiconductor MJF6668 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJF6388 MJF6668
4
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
0.01
0.01
0.05
1
2
5
10
20
50
500
100K
0.1
0.5
0.2
1
0.2
0.1
0.05
R
θJC(t) = r(t) RθJC
R
θJC = °C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
SINGLE PULSE
Figure 5. Thermal Response
0.5
D = 0.5
0.3
0.03
0.02
0.02
100 200
3
30
0.3
300
1K
2K
5K
10K 20K
50K
3K
30K
0.2
0.1
0.05
TC, CASE TEMPERATURE (°C)
0
40
120
160
0.6
SECOND BREAKDOWN
DERATING
1
0.8
0.4
0.2
60
100
140
80
THERMAL
DERATING
20
Figure 6. Maximum Power Derating
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 4 is based on TJ(pk) = l50_C; TC is
variable depending on conditions. Secondary breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 5.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by secondary breakdown.
Figure 7. Typical Small–Signal Current Gain
f, FREQUENCY (kHz)
TC = 25°C
VCE = 4 Vdc
IC = 3 Adc
10,000
200
100
1000
500
300
10
30
2000
3000
5000
1
1000
50
10
5
100
500
2
20
200
20
50
f, FREQUENCY (kHz)
10,000
200
100
1000
500
10
2000
5000
1
1000
50
10
5
100
500
2
20
200
20
50
NPN
MJF6388
PNP
MJF6668
TC = 25°C
VCE = 4 VOLTS
IC = 3 AMPS
3
30
300
70
7


Similar Part No. - MJF6668

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJF6668 MOTOROLA-MJF6668 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
logo
ON Semiconductor
MJF6668 ONSEMI-MJF6668 Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
MJF6668 ONSEMI-MJF6668 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
MJF6668 ONSEMI-MJF6668 Datasheet
196Kb / 8P
   Complementary Power Darlingtons
September, 2013 ??Rev. 11
MJF6668G ONSEMI-MJF6668G Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
More results

Similar Description - MJF6668

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MF122 MOTOROLA-MF122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
logo
ON Semiconductor
MJE122 ONSEMI-MJE122 Datasheet
267Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
1995
BDV65B ONSEMI-BDV65B_06 Datasheet
116Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
March, 2006 ??Rev. 12
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
   Complementary Silicon Plastic Power Darlingtons
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B_12 Datasheet
118Kb / 7P
   Complementary Silicon Plastic Power Darlingtons
May, 2012 ??Rev. 14
BDV65B ONSEMI-BDV65B_08 Datasheet
112Kb / 4P
   Complementary Silicon Plastic Power Darlingtons
September, 2008 ??Rev. 13
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_08 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
logo
Comset Semiconductor
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com