Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EL15ZGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EL15ZGTR
Description  1:4 CLOCK DISTRIBUTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL15ZGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EL15ZGTR Datasheet HTML 1Page - Micrel Semiconductor SY10EL15ZGTR Datasheet HTML 2Page - Micrel Semiconductor SY10EL15ZGTR Datasheet HTML 3Page - Micrel Semiconductor SY10EL15ZGTR Datasheet HTML 4Page - Micrel Semiconductor SY10EL15ZGTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Precision Edge®
SY10EL15
SY100EL15
Micrel, Inc.
M9999-031006
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage(2)
–1085
–880
–1025
–880
–1025
–955
–880
–1025
–880
mV
VOL
Output LOW Voltage(2)
–1830
–1555
–1810
–1620
–1810
–1705
–1620
–1810
–1620
mV
VOHA
Output HIGH Voltage(3)
–1095
–1035
–1035
–1035
mV
VOLA
Output LOW Voltage(3)
–1555
–1610
–1610
–1610
mV
VIH
Input HIGH Voltage
–1165
–880
–1165
–880
–1165
–880
–1165
–880
mV
VIL
Input LOW Voltage
–1810
–1475
–1810
–1475
–1810
–1475
–1810
–1475
mV
IIH
Input High Current
150
150
150
150
µA
IIL
Input LOW Current(4)
0.5
0.5
0.5
0.5
µA
IEE
Power Supply Current
35
35
25
35
38
mA
VBB
Output Reference Voltage
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
V
100EL DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = GND(1)
NOTES:
1. This table replaces the three traditionally seen in ECL 100K data books. The same DC parameter values at VEE = –4.5V now apply across the full VEE
range of –4.2V to –5.5V. Outputs are terminated through a 50
Ω resistor to –2.0V except where otherwise specified on the individual data sheets.
2. VIN = VIH(Max) or VIL(Min).
3. VIN = VIH(Min) or VIL(Max).
4. VIN = VIL(Max).
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
tPD
Propagation Delay
ps
CLK to Q (Diff)
460
660
470
670
470
670
500
700
CLK to Q (SE)
410
710
420
720
420
720
450
750
SCLK to Q
410
710
420
720
420
720
470
750
tskew
Part-to-Part Skew(1)
200
200
200
200
ps
Within-Device Skew
50
50
50
50
tS
Setup Time EN
150
150
150
150
ps
tH
Hold Time EN
400
400
400
400
ps
VPP
Minimum Input
CLK
250
250
250
250
mV
Swing
VCMR
Common Mode
CLK
–2.0
–0.4
–2.0
–0.4
–2.0
–0.4
–2.0
–0.4
V
Range
tr
Output Rise/Fall Times Q
325
575
325
575
325
575
ps
tf
(20% – 80%)
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min) to VEE (Max); VCC = GND
NOTE:
1. Skews are specified for identical LOW-to-HIGH or HIGH-to-LOW
transitions.


Similar Part No. - SY10EL15ZGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11 MICREL-SY10EL11 Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
SY10EL1189 MICREL-SY10EL1189 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
SY10EL1189ZC MICREL-SY10EL1189ZC Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
SY10EL1189ZC MICREL-SY10EL1189ZC Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
More results

Similar Description - SY10EL15ZGTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
logo
Micrel Semiconductor
SY100EL15L MICREL-SY100EL15L_06 Datasheet
60Kb / 5P
   3.3V 1:4 CLOCK DISTRIBUTION
SY100EL15L MICREL-SY100EL15L Datasheet
53Kb / 4P
   3.3V 1:4 CLOCK DISTRIBUTION
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
   1-to-4 Clock Distribution Buffer
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
   1:5 Clock Distribution
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com