Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C25512PFS36A-166TQC Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS7C25512PFS36A-166TQC
Description  2.5V 512K x 32/36 pipelined burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C25512PFS36A-166TQC Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS7C25512PFS36A-166TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C25512PFS36A-166TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C25512PFS36A-166TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C25512PFS36A-166TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C25512PFS36A-166TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C25512PFS36A-166TQC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C25512PFS36A-166TQC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C25512PFS36A-166TQC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C25512PFS36A-166TQC Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
12/23/04, v. 2.2
Alliance Semiconductor
11 of 19
AS7C25512PFS32A
AS7C25512PFS36A
®
Key to switching waveforms
Timing waveform of read cycle
Note: Ý = XOR when LBO = high/no connect; Ý = ADD when LBO = low. BW[a:d] is don’t care.
don’t care
Falling input
Rising input
Undefined
CE1
tCYC
tCH
tCL
tADSPS
tADSPH
tAS
tAH
tWS
tADVS
tOH
CLK
ADSP
ADSC
Address
GWE, BWE
CE0, CE2
ADV
OE
Dout
tCSS
tHZC
tCD
tWH
tADVH
tHZOE
tADSCS
tADSCH
LOAD NEW ADDRESS
ADV inserts wait states
Q(A2Ý10)
Q(A2Ý11)
Q(A3)
Q(A2)
Q(A2Ý01)
Q(A3Ý01)
Q(A3Ý10)
Q(A1)
A2
A1
A3
tOE
tLZOE
tCSH
Read
Q(A1)
Suspend
Read
Q(A1)
Read
Q(A2)
Burst
Read
Q(A 2Ý01)
Read
Q(A3)
DSEL
Burst
Read
Q(A 2Ý10)
Suspend
Read
Q(A 2Ý10)
Burst
Read
Q(A 2Ý11)
Burst
Read
Q(A 3Ý01)
Burst
Read
Q(A 3Ý10)
Burst
Read
Q(A 3Ý11)


Similar Part No. - AS7C25512PFS36A-166TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512PFD32A ALSC-AS7C25512PFD32A Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFD32A-133TQC ALSC-AS7C25512PFD32A-133TQC Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFD32A-133TQCN ALSC-AS7C25512PFD32A-133TQCN Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFD32A-133TQI ALSC-AS7C25512PFD32A-133TQI Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFD32A-133TQIN ALSC-AS7C25512PFD32A-133TQIN Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
More results

Similar Description - AS7C25512PFS36A-166TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512PFD32A ALSC-AS7C25512PFD32A Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MPFS32A ALSC-AS7C251MPFS32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C4098A ALSC-AS7C4098A Datasheet
524Kb / 19P
   2.5V 512K x 32/36 flowthrough burst synchronous SRAM
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
logo
Cypress Semiconductor
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C331MPFD32A ALSC-AS7C331MPFD32A Datasheet
525Kb / 19P
   3.3V 1M x 32/36 pipelined burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com