Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C3364FT32B-10TQIN Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS7C3364FT32B-10TQIN
Description  3.3V 64K x 32/36 Flow Through Synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364FT32B-10TQIN Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS7C3364FT32B-10TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364FT32B-10TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364FT32B-10TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C3364FT32B-10TQIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C3364FT32B-10TQIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C3364FT32B-10TQIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C3364FT32B-10TQIN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C3364FT32B-10TQIN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C3364FT32B-10TQIN Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
®
AS7C3364FT32B
2/8/05; v.1.2
Alliance Semiconductor
P. 11 of 19
AS7C3364FT36B
Key to switching waveforms
Timing waveform of read cycle
Note: Ý = XOR when LBO = high/no connect; Ý = ADD when LBO = low. BW[a:d] is don’t care.
don’t care
Falling input
Rising input
Undefined
tCYC
tCH
tCL
tADSPS
tADSPH
tAS
tAH
tWS
tADVS
tOH
CLK
ADSP
ADSC
Address
GWE, BWE
CE0, CE2
ADV
OE
tCSS
tCD
tWH
tADVH
tHZOE
tADSCS
tADSCH
LOAD NEW ADDRESS
ADV inserts wait states
A2
A1
A3
Dout
Q(A2Ý10)
Q(A2Ý11)
Q(A3)
Q(A2Ý01)
Q(A3Ý01)
Q(A3Ý10)
Q(A3Ý11)
Q(A1)
tHZC
tLZOE
tCSH
Read
Q(A1)
Suspend
Read
Q(A1)
Read
Q(A2)
Burst Read
Q(A 2Ý01)
Read
Q(A3)
DSEL
Burst Read
Q(A 2Ý10)
Suspend
Read
Q(A 2Ý10)
Burst Read
Q(A 2Ý11)
Burst Read
Q(A 3Ý01)
Burst Read
Q(A 3Ý10)
Burst Read
Q(A 3Ý11)
tOE
CE1


Similar Part No. - AS7C3364FT32B-10TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQC ALSC-AS7C3364NTD32B-133TQC Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQCN ALSC-AS7C3364NTD32B-133TQCN Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQI ALSC-AS7C3364NTD32B-133TQI Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQIN ALSC-AS7C3364NTD32B-133TQIN Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C3364FT32B-10TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C331MFT32A ALSC-AS7C331MFT32A Datasheet
522Kb / 19P
   3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C33512FT32A ALSC-AS7C33512FT32A Datasheet
523Kb / 19P
   3.3V 512K x 32/36 Flow-through synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Integrated Circuit Solu...
IC61SF6432 ICSI-IC61SF6432 Datasheet
144Kb / 17P
   64K x 32 Flow Through Sync. SRAM
logo
Alliance Semiconductor ...
AS7C251MFT32A ALSC-AS7C251MFT32A Datasheet
520Kb / 19P
   2.5V 1M x 32/36 Flow-through synchronous SRAM
AS7C3364NTF32B ALSC-AS7C3364NTF32B Datasheet
418Kb / 19P
   3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com