Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C3364PFD36B-166TQCN Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C3364PFD36B-166TQCN
Description  3.3V 64K X 32/36 pipeline burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364PFD36B-166TQCN Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C3364PFD36B-166TQCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3364PFD36B-166TQCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3364PFD36B-166TQCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364PFD36B-166TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364PFD36B-166TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364PFD36B-166TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364PFD36B-166TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364PFD36B-166TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364PFD36B-166TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
AS7C3364PFD32B
AS7C3364PFD36B
®
1/31/05; v.1.1
Alliance Semiconductor
P. 3 of 19
Pin arrangement
DQPc/NC
DQc0
DQc1
VDDQ
VSSQ
DQc2
DQc3
DQc4
DQc5
VSSQ
VDDQ
DQc6
DQc7
NC
VDD
NC
VSS
DQd0
DQd1
VDDQ
VSSQ
DQd2
DQd3
DQd4
DQd5
VSSQ
VDDQ
DQd6
DQd7
DQPd/NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQPb/NC
DQb7
DQb6
VDDQ
VSSQ
DQb5
DQb4
DQb3
DQb2
VSSQ
VDDQ
DQb1
DQb0
VSS
ZZ
DQa7
DQa6
VDDQ
VSSQ
DQa5
DQa4
DQa3
DQa2
VSSQ
VDDQ
DQa1
DQa0
DQPa/NC
NC
VDD
TQFP 14 × 20 mm
Note: Pins 1,30,51,80 are NC for X32


Similar Part No. - AS7C3364PFD36B-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364PFS32A ALSC-AS7C3364PFS32A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-100TQC ALSC-AS7C3364PFS32A-100TQC Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-100TQI ALSC-AS7C3364PFS32A-100TQI Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-133TQC ALSC-AS7C3364PFS32A-133TQC Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32A-133TQI ALSC-AS7C3364PFS32A-133TQI Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results

Similar Description - AS7C3364PFD36B-166TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com