Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C25512FT32A-85TQCN Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C25512FT32A-85TQCN
Description  2.5V 512K x 32/36 flowthrough burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C25512FT32A-85TQCN Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C25512FT32A-85TQCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C25512FT32A-85TQCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C25512FT32A-85TQCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C25512FT32A-85TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C25512FT32A-85TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C25512FT32A-85TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C25512FT32A-85TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C25512FT32A-85TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C25512FT32A-85TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
®
AS7C25512FT32A
AS7C25512FT36A
12/23/04, v. 1.2
Alliance Semiconductor
4 of 19
Functional description
The AS7C25512FT32A/36A is a high-performance CMOS 16-Mbit synchronous Static Random Access Memory (SRAM) device organized
as 524,288 words x 32/36.
Fast cycle times of 8.5/10/12 ns with clock access times (tCD) of 7.5/8.5/10.0 ns. Three chip enable (CE) inputs permit easy memory
expansion. Burst operation is initiated in one of two ways: the controller address strobe (ADSC), or the processor address strobe (ADSP). The
burst advance pin (ADV) allows subsequent internally generated burst addresses.
Read cycles are initiated with ADSP (regardless of WE and ADSC) using the new external address clocked into the on-chip address register
when ADSP is sampled LOW, the chip enables are sampled active, and the output buffer is enabled with OE. In a read operation, the data
accessed by the current address registered in the address registers by the positive edge of CLK are carried to the data-out buffer. ADV is
ignored on the clock edge that samples ADSP asserted, but is sampled on all subsequent clock edges. Address is incremented internally for
the next access of the burst when ADV is sampled LOW and both address strobes are HIGH. Burst mode is selectable with the LBO input.
With LBO unconnected or driven HIGH, burst operations use an interleaved count sequence. With LBO driven LOW, the device uses a linear
count sequence.
Write cycles are performed by disabling the output buffers with OE and asserting a write command. A global write enable GWE writes all 32/
36 regardless of the state of individual BW[a:d] inputs. Alternately, when GWE is HIGH, one or more bytes may be written by asserting
BWE and the appropriate individual byte BWn signals.
BWn is ignored on the clock edge that samples ADSP LOW, but it is sampled on all subsequent clock edges. Output buffers are disabled
when BWn is sampled LOW regardless of OE. Data is clocked into the data input register when BWn is sampled LOW. Address is
incremented internally to the next burst address if BWn and ADV are sampled LOW.
Read or write cycles may also be initiated with ADSC instead of ADSP. The differences between cycles initiated with ADSC and ADSP are
as follows:
• ADSP must be sampled HIGH when ADSC is sampled LOW to initiate a cycle with ADSC.
•WE signals are sampled on the clock edge that samples ADSC LOW (and ADSP HIGH).
• Master chip enable CE0 blocks ADSP, but not ADSC.
The AS7C25512FT32A/36A family operates from a core 2.5V power supply. These devices are available in a 100-pin TQFP package.
TQFP capacitance
* Guaranteed not tested
TQFP thermal resistance
Parameter
Symbol
Test conditions
Min
Max
Unit
Input capacitance
CIN*
VIN = 0V
-
5
pF
I/O capacitance
CI/O*
VOUT = 0V
-
7
pF
Description
Conditions
Symbol
Typical
Units
Thermal resistance
(junction to ambient)1
1 This parameter is sampled
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA/JESD51
1–layer
θJA
40
°C/W
4–layer
θJA
22
°C/W
Thermal resistance
(junction to top of case)1
θJC
8
°C/W


Similar Part No. - AS7C25512FT32A-85TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQC ALSC-AS7C25512NTD32A-133TQC Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQCN ALSC-AS7C25512NTD32A-133TQCN Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQI ALSC-AS7C25512NTD32A-133TQI Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQIN ALSC-AS7C25512NTD32A-133TQIN Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C25512FT32A-85TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C25512PFD32A ALSC-AS7C25512PFD32A Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C251MFT18A ALSC-AS7C251MFT18A Datasheet
511Kb / 19P
   2.5V 1M x 18 flowthrough burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MPFS32A ALSC-AS7C251MPFS32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
   2.5V 1M x 32/36 Flowthrough SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com