Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C1024 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS62C1024
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62C1024 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS62C1024 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62C1024 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62C1024 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62C1024 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62C1024 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62C1024 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62C1024 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62C1024 Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IS62C1024
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. G
01/14/00
DATA VALID
tAA
tOHA
tOHA
tRC
DOUT
ADDRESS
AC WAVEFORMS
READ CYCLE NO. 1(1,2)
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-35
-45
-55
-70
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
35
45
55
70
ns
tAA
Address Access Time
35
45
55
70
ns
tOHA
Output Hold Time
3
3
3
3
ns
tACE1
CE1 Access Time
35
45
55
70
ns
tACE2
CE2 Access Time
35
45
55
70
ns
tDOE
OE Access Time
10
20
25
35
ns
tLZOE(2)
OE to Low-Z Output
0
0
0
0
ns
tHZOE(2)
OE to High-Z Output
0
10
0
15
0
20
0
25
ns
tLZCE1(2)
CE1 to Low-Z Output
3
5
7
10
ns
tLZCE2(2)
CE2 to Low-Z Output
3
5
7
10
ns
tHZCE(2)
CE1 or CE2 to High-Z Output
0
10
0
15
0
20
0
25
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and
output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.


Similar Part No. - IS62C1024

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C1024-35Q ICSI-IS62C1024-35Q Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C1024-35QI ICSI-IS62C1024-35QI Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C1024-35T ICSI-IS62C1024-35T Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C1024-35TI ICSI-IS62C1024-35TI Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS62C1024

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS62C1024 ICSI-IS62C1024 Datasheet
423Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com