Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C25512FT36A-85TQCN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C25512FT36A-85TQCN
Description  2.5V 512K x 32/36 flowthrough burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C25512FT36A-85TQCN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C25512FT36A-85TQCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C25512FT36A-85TQCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C25512FT36A-85TQCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C25512FT36A-85TQCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C25512FT36A-85TQCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C25512FT36A-85TQCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C25512FT36A-85TQCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C25512FT36A-85TQCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C25512FT36A-85TQCN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
®
AS7C25512FT32A
AS7C25512FT36A
12/23/04, v. 1.2
Alliance Semiconductor
6 of 19
Write enable truth table (per byte)
Key: X = don’t care, L = low, H = high, n = a, b, c, d;
BWE, BWn = internal write signal.
Asynchronous Truth Table
Notes:
1. X means “Don’t Care”
2. ZZ pin is pulled down internally
3. For write cycles that follows read cycles, the output buffers must be disabled with OE, otherwise data bus contention will occur.
4. Snooze mode means power down state of which stand-by current does not depend on cycle times
5. Deselected means power down state of which stand-by current depends on cycle times
Burst sequence table
Function
GWE
BWE
BWa
BWb
BWc
BWd
Write All Bytes
L
X
XX
XX
H
L
LLL
L
Write Byte a
H
L
L
H
H
H
Write Byte c and d
H
L
H
H
L
L
Read
HHX
XX
X
H
L
HH
HH
Operation
ZZ
OE
I/O Status
Snooze mode
H
X
High-Z
Read
L
L
Dout
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Interleaved burst address (LBO = 1)
Linear burst address (LBO = 0)
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
1st Address
0 00 11 0
1 1
1st Address
0 0
0 11 01 1
2nd Address
0 10 01 1
1 0
2nd Address
0 1
1 01 10 0
3rd Address
1 01 10 0
0 1
3rd Address
1 0
1 10 00 1
4th Address
1 11 00 1
0 0
4th Address
1 1
1 00 11 0


Similar Part No. - AS7C25512FT36A-85TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQC ALSC-AS7C25512NTD32A-133TQC Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQCN ALSC-AS7C25512NTD32A-133TQCN Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQI ALSC-AS7C25512NTD32A-133TQI Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A-133TQIN ALSC-AS7C25512NTD32A-133TQIN Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C25512FT36A-85TQCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C25512PFD32A ALSC-AS7C25512PFD32A Datasheet
523Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C25512PFS32A ALSC-AS7C25512PFS32A Datasheet
522Kb / 19P
   2.5V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C251MFT18A ALSC-AS7C251MFT18A Datasheet
511Kb / 19P
   2.5V 1M x 18 flowthrough burst synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MPFD32A ALSC-AS7C251MPFD32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MPFS32A ALSC-AS7C251MPFS32A Datasheet
522Kb / 19P
   2.5V 1M x 32/36 pipelined burst synchronous SRAM
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
   2.5V 1M x 32/36 Flowthrough SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com