Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C32098A-20TI Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C32098A-20TI
Description  3.3 V 128K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C32098A-20TI Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C32098A-20TI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C32098A-20TI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C32098A-20TI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C32098A-20TI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C32098A-20TI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C32098A-20TI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C32098A-20TI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C32098A-20TI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C32098A-20TI Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
®
AS7C32098A
2/24/05,v. 1.0
Alliance Semiconductor
P. 4 of 10
Key to switching waveforms
Read waveform 1 (address controlled)5,6,8
Read cycle (over the operating range)2,8
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
12–15–20–
ns
Address access time
tAA
10
12–15–20
ns
Chip enable (CE) access time
tACE
10
12–15–20
ns
Output enable (OE) access time
tOE
4
–5–6–7
ns
Output hold from address change
tOH
3
3–3–3–
ns
4
CE Low to output in low Z
tCLZ
3
3–3–3–
ns
3,4
CE High to output in high Z
tCHZ
5
–6–7–9
ns
3,4
OE Low to output in low Z
tOLZ
0
0–0–0–
ns
3,4
OE High to output in high Z
tOHZ
5
–6–7–9
ns
3,4
LB, UB access time
tBA
5
–6–7–8
ns
LB, UB Low to output in low Z
tBLZ
0
0–0–0–
ns
LB, UB High to output in high Z
tBHZ
5
–6–7–9
ns
Power up time
tPU
0
0–0–0–
ns
4
Power down time
tPD
10
12–15–20
ns
4
Undefined/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
DataOUT
Address
Data valid
Previous data valid


Similar Part No. - AS7C32098A-20TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C32096A-10TC ALSC-AS7C32096A-10TC Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C32096A-10TCN ALSC-AS7C32096A-10TCN Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C32096A-10TI ALSC-AS7C32096A-10TI Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C32096A-10TIN ALSC-AS7C32096A-10TIN Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
More results

Similar Description - AS7C32098A-20TI

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM621024C UMC-UM621024C Datasheet
703Kb / 16P
   128K x 16 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C31026B ALSC-AS7C31026B Datasheet
122Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C1162048L MOSEL-V62C1162048L Datasheet
109Kb / 11P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
AMIC Technology
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com