Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31026B-15TC Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C31026B-15TC
Description  3.3 V 64K X 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026B-15TC Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C31026B-15TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026B-15TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026B-15TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026B-15TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026B-15TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026B-15TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026B-15TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026B-15TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C31026B-15TC Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
®
AS7C31026B
3/26/04, v 1.3
Alliance Semiconductor
P. 9 of 10
Note:
Add suffix ‘N’ to the above part number for lead free parts (Ex.
AS7C31026B-10JCN)
Ordering codes
Package\Access time
Volt/Temp
10 ns
12 ns
15 ns
20 ns
Plastic SOJ, 400 mil
3.3 V commercial
AS7C31026B-10JC
AS7C31026B-12JC
AS7C31026B-15JC
AS7C31026B-20JC
3.3 V industrial
AS7C31026B-10JI
AS7C31026B-12JI
AS7C31026B-15JI
AS7C31026B-20JI
TSOP 2, 10.2 x 18.4 mm
3.3 V commercial AS7C31026B-10TC
AS7C31026B-12TC
AS7C31026B-15TC
AS7C31026B-20TC
3.3 V industrial
AS7C31026B-10TI
AS7C31026B-12TI
AS7C31026B-15TI
AS7C31026B-20TI
Part numbering system
AS7C
X
1026B
–XX
X
X
X
SRAM
prefix
Voltage:
3 = 3.3 V CMOS
Device
number
Access
time
Package:
J = SOJ 400 mil
T = TSOP 2, 10.2 x 18.4 mm
Temperature range:
C = commercial: 0° C to 70° C
I = industrial: -40° C to 85° C
N=Lead Free
Part


Similar Part No. - AS7C31026B-15TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C31026-10 ALSC-AS7C31026-10 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10BC ALSC-AS7C31026-10BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10JC ALSC-AS7C31026-10JC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C31026B-15TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
   5 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
   5 V 64K X 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com