Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C32096A-10TIN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C32096A-10TIN
Description  3.3V 256K x 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C32096A-10TIN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C32096A-10TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C32096A-10TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C32096A-10TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C32096A-10TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C32096A-10TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C32096A-10TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C32096A-10TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C32096A-10TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C32096A-10TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
®
AS7C32096A
2/24/05, v. 1.0
Alliance Semiconductor
P. 5 of 9
Write waveform 1 (WE controlled)9
Write cycle (over the operating range)9
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10
–12
15
–20–
ns
Chip enable (CE) to write end
tCW
7–8–
10
12
ns
Address setup to write end
tAW
7–8–
10
12
ns
Address setup time
tAS
0–0–0–
0–
ns
Write pulse width (OE = high)
tWP1
7–8–
10
12
ns
Write pulse width (OE = low
tWP2
10
–12
15
–20–
ns
Address hold from end of write
tAH
0–0–0–
0–
ns
Write recovery time
tWR
0–0–0–
0–
ns
Data valid to write end
tDW
5–6–7–
9–
ns
Data hold time
tDH
0–0–0–
0–
ns
3,4
Write enable to output in high Z
tWZ
050607
09
ns
3,4
Output active from write end
tOW
3–3–3–
3–
ns
3,4
tAW
tAH
tWC
Address
WE
DOUT
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
DIN
tWR


Similar Part No. - AS7C32096A-10TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C32098A-10TC ALSC-AS7C32098A-10TC Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C32098A-10TCN ALSC-AS7C32098A-10TCN Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C32098A-10TI ALSC-AS7C32098A-10TI Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C32098A-10TIN ALSC-AS7C32098A-10TIN Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
More results

Similar Description - AS7C32096A-10TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA_04 Datasheet
478Kb / 8P
   Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
IDT71V256SA IDT-IDT71V256SA Datasheet
67Kb / 6P
   LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT)
logo
Renesas Technology Corp
71V256SA RENESAS-71V256SA Datasheet
190Kb / 9P
   Lower Power 3.3V CMOS Fast SRAM 256K (32K x 8-Bit)
Jun.02.20
logo
Alliance Semiconductor ...
AS7C33256NTD18B ALSC-AS7C33256NTD18B Datasheet
441Kb / 18P
   3.3V 256K x 8 Pipelined SRAM with NTD
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
Integrated Circuit Solu...
IC61LV2568 ICSI-IC61LV2568 Datasheet
252Kb / 9P
   256K x 8 Hight Speed SRAM with 3.3V
logo
Alliance Semiconductor ...
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
logo
Lyontek Inc.
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com