Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C4096A-12TIN Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C4096A-12TIN
Description  5.0V 512K x 8 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C4096A-12TIN Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C4096A-12TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C4096A-12TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C4096A-12TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C4096A-12TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C4096A-12TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C4096A-12TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C4096A-12TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C4096A-12TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C4096A-12TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
®
AS7C4096A
5/27/05, v. 1.1
Alliance Semiconductor
P. 4 of 10
Key to switching waveforms
Read waveform 1 (address controlled)2,5,6,8
Read waveform 2 (CE, OE controlled)2,5,7,8
Read cycle (over the operating range)2,8
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
–12–
15
20
ns
Address access time
tAA
–10
12
15–20
ns
2
Chip enable (CE) access time
tACE
–10
12
15–20
ns
2
Output enable (OE) access time
tOE
–5–
6–6–6
ns
Output hold from address change
tOH
3–3
–3–3–
ns
4
CE Low to output in low Z
tCLZ
3–3
–3–3–
ns
3,4
CE High to output in high Z
tCHZ
–5–
6–7–9
ns
3,4
OE Low to output in low Z
tOLZ
0–0
–0–0–
ns
3,4
OE High to output in high Z
tOHZ
–5–
6–7–9
ns
3,4
Power up time
tPU
0–0
–0–0–
ns
3,4
Power down time
tPD
–10
12
15–20
ns
3,4
Undefined/don’t care
Falling input
Rising input
Address
DOUT
Data valid
tOH
tAA
tRC
current
Supply
OE
DOUT
tOE
tOLZ
tACE
tCHZ
tCLZ
tPU
tPD
ICC
ISB
50%
50%
tOHZ
Data valid
tRC1
CE


Similar Part No. - AS7C4096A-12TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C4096-12 ALSC-AS7C4096-12 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C4096-12JC ALSC-AS7C4096-12JC Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C4096-12JCN ALSC-AS7C4096-12JCN Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C4096-12JI ALSC-AS7C4096-12JI Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
More results

Similar Description - AS7C4096A-12TIN

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Alliance Semiconductor ...
AS7C34096A ALSC-AS7C34096A Datasheet
157Kb / 9P
   3.3V 512K x 8 CMOS SRAM
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS4008 ETC1-UC62LS4008 Datasheet
532Kb / 11P
   Low Power CMOS SRAM 512K X 8 Bits
logo
Maxwell Technologies
33C408 MAXWELL-33C408 Datasheet
241Kb / 12P
   4 Megabit (512K x 8-Bit) CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com