Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31024B-20JC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C31024B-20JC
Description  3.3V 128K X 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31024B-20JC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C31024B-20JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31024B-20JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31024B-20JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31024B-20JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31024B-20JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31024B-20JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31024B-20JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31024B-20JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31024B-20JC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AS7C31024B
3/24/04, v.1.2
Alliance Semiconductor
P. 5 of 9
®
Write waveform 1 (WE controlled)10,11,12
Write cycle (over the operating range)11, 12
Parameter
Symbol
-10
-12
-15
-20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10–12–15
20
ns
Chip enable (CE1) to write end
tCW1
8–9–
10
12
ns
12
Chip enable (CE2) to write end
tCW2
8–9–
10
12
ns
12
Address setup to write end
tAW
8–9–
10
12
ns
Address setup time
tAS
0–0–0–
0–
ns
12
Write pulse width
tWP
7–8–9–
12
ns
Write recovery time
tWR
0–0–0–
0–
ns
Address hold from end of write
tAH
0–0–0–
0–
ns
Data valid to write end
tDW
5–6–8–
10
ns
Data hold time
tDH
0–0–0–
0–
ns
4, 5
Write enable to output in high Z
tWZ
–5–6–7
–8
ns
4, 5
Output active from write end
tOW
1–1–1–
1–
ns
4, 5
tAW
tAH
tWC
Address
WE
DOUT
tDH
tOW
tDW
tWZ
tWP
tAS
Data valid
DIN
tWR


Similar Part No. - AS7C31024B-20JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31024A-10JC ALSC-AS7C31024A-10JC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10JI ALSC-AS7C31024A-10JI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10STC ALSC-AS7C31024A-10STC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10STI ALSC-AS7C31024A-10STI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10TC ALSC-AS7C31024A-10TC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C31024B-20JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I Datasheet
192Kb / 17P
   128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024E-I AMICC-LP621024E-I Datasheet
173Kb / 15P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com