Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4E640412E-JI45 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4E640412E-JI45
Description  16M x 4bit CMOS Dynamic RAM with Extended Data Out
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4E640412E-JI45 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4E640412E-JI45 Datasheet HTML 3Page - Samsung semiconductor K4E640412E-JI45 Datasheet HTML 4Page - Samsung semiconductor K4E640412E-JI45 Datasheet HTML 5Page - Samsung semiconductor K4E640412E-JI45 Datasheet HTML 6Page - Samsung semiconductor K4E640412E-JI45 Datasheet HTML 7Page - Samsung semiconductor K4E640412E-JI45 Datasheet HTML 8Page - Samsung semiconductor K4E640412E-JI45 Datasheet HTML 9Page - Samsung semiconductor K4E640412E-JI45 Datasheet HTML 10Page - Samsung semiconductor K4E640412E-JI45 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CMOS DRAM
K4E660412E,K4E640412E
Industrial Temperature
TEST MODE CYCLE
Parameter
Symbol
-45
-50
-60
Units
Note
Min
Max
Min
Max
Min
Max
Random read or write cycle time
tRC
79
89
109
ns
Read-modify-write cycle time
tRWC
110
121
145
ns
Access time from RAS
tRAC
50
55
65
ns
3,4,10,12
Access time from CAS
tCAC
17
18
20
ns
3,4,5,12
Access time from column address
tAA
28
30
35
ns
3,10,12
RAS pulse width
tRAS
50
10K
55
10K
65
10K
ns
CAS pulse width
tCAS
12
10K
13
10K
15
10K
ns
RAS hold time
tRSH
18
18
20
ns
CAS hold time
tCSH
39
43
50
ns
Column Address to RAS lead time
tRAL
28
30
35
ns
CAS to W delay time
tCWD
29
35
39
ns
7
RAS to W delay time
tRWD
62
72
84
ns
7
Column Address to W delay time
tAWD
40
47
54
ns
7
Hyper Page cycle time
tHPC
22
25
30
ns
14
Hyper Page read-modify-write cycle time
tHPRWC
52
53
61
ns
14
RAS pulse width (Hyper page cycle)
tRASP
50
200K
55
200K
65
200K
ns
Access time from CAS precharge
tCPA
29
33
40
ns
3
OE access time
tOEA
17
18
20
ns
3
OE to data delay
tOED
13
18
20
ns
OE command hold time
tOEH
13
18
20
ns
( Note 11 )


Similar Part No. - K4E640412E-JI45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E640412D SAMSUNG-K4E640412D Datasheet
415Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
More results

Similar Description - K4E640412E-JI45

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E660411D SAMSUNG-K4E660411D Datasheet
418Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412D SAMSUNG-K4E660412D Datasheet
415Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM48V8004C SAMSUNG-KM48V8004C Datasheet
388Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812E SAMSUNG-K4E660812E Datasheet
190Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com