Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31025B-20JC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C31025B-20JC
Description  3.3V 128K X 8 CMOS SRAM (Center power and ground)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025B-20JC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  AS7C31025B-20JC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025B-20JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025B-20JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025B-20JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025B-20JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025B-20JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025B-20JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025B-20JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31025B-20JC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AS7C31025B
3/24/04, v. 1.3
Alliance Semiconductor
P. 7 of 9
®
Package dimensions
e
D
E1
Pin 1
b
B
A1
A2
c
E
Seating
plane
E2
A
32-pin SOJ
300 mil/400 mil
Symbol
32-pin SOJ
300 mil
32-pin SOJ
400 mil
Min
Max
Min
Max
A
0.128
0.145
0.132
0.146
A1
0.025
-
0.025
-
A2
0.095
0.105
0.105
0.115
B
0.026
0.032
0.026
0.032
b
0.016
0.020
0.015
0.020
c
0.007
0.010
0.007
0.013
D
0.820
0.830
0.820
0.830
E
0.255
0.275
0.354
0.378
E1
0.295
0.305
0.395
0.405
E2
0.330
0.340
0.435
0.445
e
0.050 BSC
0.050 BSC


Similar Part No. - AS7C31025B-20JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025 ALSC-AS7C31025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JC ALSC-AS7C31025-12JC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JI ALSC-AS7C31025-12JI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TC ALSC-AS7C31025-12TC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TI ALSC-AS7C31025-12TI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
More results

Similar Description - AS7C31025B-20JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008A AMICC-LP61L1008A Datasheet
118Kb / 11P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA_14 Datasheet
68Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
Alliance Semiconductor ...
AS7C1029 ALSC-AS7C1029 Datasheet
112Kb / 9P
   5V 256K X 4 CMOS SRAM (Center power and ground)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com