Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C1024B-15STIN Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C1024B-15STIN
Description  5V 128K X 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024B-15STIN Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C1024B-15STIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024B-15STIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024B-15STIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024B-15STIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024B-15STIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024B-15STIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024B-15STIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024B-15STIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024B-15STIN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C1024B
5V 128K X 8 CMOS SRAM
3/26/04, v 1.2
Alliance Semiconductor
P. 1 of 9
Features
• Industrial and commercial temperatures
• Organization: 131,072 words x 8 bits
• High speed
- 10/12/15/20 ns address access time
- 5/6/7/8 ns output enable access time
• Low power consumption: ACTIVE
- 605 mW / max @ 10 ns
• Low power consumption: STANDBY
- 55 mW / max CMOS
• 6T 0.18u CMOS technology
• Easy memory expansion with CE1, CE2, OE inputs
• TTL/LVTTL-compatible, three-state I/O
• 32-pin JEDEC standard packages
- 300 mil SOJ
- 400 mil SOJ
- 8 × 20mm TSOP 1
- 8 x 13.4mm sTSOP 1
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
512 x 256 x 8
Array
(1,048,576)
Input buffer
I/O0
I/O7
OE
CE1
WE
Column decoder
Control
circuit
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
CE2
Pin arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
32-pin SOJ (300 mil)
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O4
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
I/O5
I/O3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
32
31
30
29
28
27
26
25
24
23
22
21
20
19
15
16
18
17
32-pin (8 x 20mm) TSOP I
32-pin SOJ (400 mil)
32-pin (8 x 13.4mm) sTSOP1
Selection guide
-10
-12
-15
-20
Unit
Maximum address access time
10
12
15
20
ns
Maximum output enable access
time
56
7
8
ns
Maximum Operating Current
110
100
90
80
mA
Maximum CMOS standby Current
10
10
10
10
mA


Similar Part No. - AS7C1024B-15STIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024A ALSC-AS7C1024A Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JC ALSC-AS7C1024A-10JC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10JI ALSC-AS7C1024A-10JI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STC ALSC-AS7C1024A-10STC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C1024A-10STI ALSC-AS7C1024A-10STI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C1024B-15STIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com