Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS152DA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS152DA
Description  MuxIt RECEIVER-DESERIALIZER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS152DA Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS152DA Datasheet HTML 5Page - Texas Instruments SN65LVDS152DA Datasheet HTML 6Page - Texas Instruments SN65LVDS152DA Datasheet HTML 7Page - Texas Instruments SN65LVDS152DA Datasheet HTML 8Page - Texas Instruments SN65LVDS152DA Datasheet HTML 9Page - Texas Instruments SN65LVDS152DA Datasheet HTML 10Page - Texas Instruments SN65LVDS152DA Datasheet HTML 11Page - Texas Instruments SN65LVDS152DA Datasheet HTML 12Page - Texas Instruments SN65LVDS152DA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SN65LVDS152
MuxIt
™ RECEIVER-DESERIALIZER
SLLS445 – DECEMBER 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(1)
Propagation delay time, LCI
↑ to DCO↑
2
3
td(2)
Delay time, MCI
↑ to DO–n
See Figure 8
3.3
5.5
ns
tsu(4)
Set-up time, DO-n valid to DCO
See Figure 8
5
ns
th(4)
Hold time, DCO
↑ to DO-n valid
5
td(3)
Delay time, MCI
↓ to CO
See Figure 9
2.9
4.5
ns
tr
Differential output signal rise time, CO
RL = 100 Ω, CL = 10 pF,
See Figure 10
0.3
0.8
1.5
ns
tr
Output signal rise time, DCO, DO-n
CL = 10 pF, See Figure 11
0.6
1.5
ns
tf
Differential output signal fall time, CO
RL = 100 Ω, CL = 10 pF,
See Figure 10
0.3
0.8
1.5
ns
tf
Output signal fall time, DCO, DO-n
CL = 10 pF, See Figure 11
0.6
1.5
ns
tsk(p)
Pulse skew (| tPHL – tPLH|), CO
RL = 100 Ω, CL = 10 pF,
See Figure 10
0
300
ps
tPZH
Propagation delay time, high-impedance to high-level output
(DCO only)
EN to DCO DO-n
5
15
tPZL
Propagation delay time, high-impedance to low-level output
EN to DCO, DO-n,
CL = 10 pF,
5
15
ns
tPHZ
Propagation delay time, high-level to high-impedance output
CL = 10 F,
See Figure 12
5
15
ns
tPLZ
Propagation delay time, low-level to high-impedance output
g
6
15
tPZH
Propagation delay time, high-impedance to high-level output
(DCO only)
LVI to DCO DO-n
5
15
tPZL
Propagation delay time, high-impedance to low-level output
LVI to DCO, DO-n
CL = 10 pF,
5
15
ns
tPHZ
Propagation delay time, high-level to high-impedance output
CL = 10 F,
See Figure 12
5
15
ns
tPLZ
Propagation delay time, low-level to high-impedance output
g
5
15


Similar Part No. - SN65LVDS152DA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS150 TI-SN65LVDS150 Datasheet
257Kb / 16P
[Old version datasheet]   MuxIt-TM PLL FREQUENCY MULTIPLIER
SN65LVDS150 TI1-SN65LVDS150 Datasheet
378Kb / 18P
[Old version datasheet]   MuxIt PLL FREQUENCY MULTIPLIER
SN65LVDS150PW TI-SN65LVDS150PW Datasheet
257Kb / 16P
[Old version datasheet]   MuxIt-TM PLL FREQUENCY MULTIPLIER
SN65LVDS150PW TI1-SN65LVDS150PW Datasheet
378Kb / 18P
[Old version datasheet]   MuxIt PLL FREQUENCY MULTIPLIER
SN65LVDS150PWG4 TI1-SN65LVDS150PWG4 Datasheet
378Kb / 18P
[Old version datasheet]   MuxIt PLL FREQUENCY MULTIPLIER
More results

Similar Description - SN65LVDS152DA

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8255KVT ROHM-BU8255KVT Datasheet
848Kb / 17P
   35bit LVDS Receiver 5:35 DeSerializer
BU90R104 ROHM-BU90R104 Datasheet
341Kb / 18P
   35bit LVDS Receiver 5:35 DeSerializer
BU7985KVT ROHM-BU7985KVT Datasheet
827Kb / 20P
   56bit LVDS Receiver 8:56 DeSerializer
logo
Texas Instruments
SN65LVDS150 TI1-SN65LVDS150_09 Datasheet
378Kb / 18P
[Old version datasheet]   MuxIt PLL FREQUENCY MULTIPLIER
SN65LVDS151 TI-SN65LVDS151 Datasheet
254Kb / 18P
[Old version datasheet]   MuxIt SERIALIZER-TRANSMITTER
SN65LVDS151 TI1-SN65LVDS151_08 Datasheet
183Kb / 13P
[Old version datasheet]   MuxIt SERIALIZER-TRANSMITTER
SN65LVDS150 TI-SN65LVDS150 Datasheet
257Kb / 16P
[Old version datasheet]   MuxIt-TM PLL FREQUENCY MULTIPLIER
PCI950 TI-PCI950 Datasheet
156Kb / 11P
[Old version datasheet]   IRQSER DESERIALIZER
PCI950 TI1-PCI950_08 Datasheet
72Kb / 4P
[Old version datasheet]   IRQSER DESERIALIZER
logo
List of Unclassifed Man...
GS7060 ETC1-GS7060 Datasheet
362Kb / 2P
   DVB-ASI Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com