Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31025B-10JCN Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C31025B-10JCN
Description  3.3V 128K X 8 CMOS SRAM (Center power and ground)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31025B-10JCN Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C31025B-10JCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31025B-10JCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31025B-10JCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31025B-10JCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31025B-10JCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31025B-10JCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31025B-10JCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31025B-10JCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31025B-10JCN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C31025B
3.3V 128K X 8 CMOS SRAM (Center power and ground)
3/24/04, v. 1.3
Alliance Semiconductor
P. 1 of 9
Features
• Industrial and commercial temperatures
• Organization: 131,072 x 8 bits
• High speed
- 10/12/15/20 ns address access time
- 5, 6, 7, 8 ns output enable access time
• Low power consumption: ACTIVE
- 252 mW / max @ 10 ns
• Low power consumption: STANDBY
- 18 mW / max CMOS
• 6 T 0.18 u CMOS technology
• Easy memory expansion with CE, OE inputs
• Center power and ground
• TTL/LVTTL-compatible, three-state I/O
• JEDEC-standard packages
- 32-pin, 300 mil SOJ
- 32-pin, 400 mil SOJ
• ESD protection
≥ 2000 volts
• Latch-up current
≥ 200 mA
Logic block diagram
512 x 256 x 8
Array
(1,048,576)
Input buffer
I/O0
I/O7
OE
CE
WE
Column decoder
Control
circuit
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Pin arrangement
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A15
A14
A13
OE
I/O7
I/O6
GND
VCC
I/O5
I/O4
A12
A11
A10
A9
A8
A0
A1
A2
A3
CE
I/O0
I/O1
VCC
GND
I/O2
I/O3
WE
A4
A5
A6
A7
32-pin SOJ (300 mil)
32-pin SOJ (400 mil)
Selection guide
-10
-12
-15
-20
Unit
Maximum address access time
10
12
15
20
ns
Maximum output enable access time
5678
ns
Maximum operating current
70
65
60
55
mA
Maximum CMOS standby current
5555
mA


Similar Part No. - AS7C31025B-10JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025 ALSC-AS7C31025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JC ALSC-AS7C31025-12JC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12JI ALSC-AS7C31025-12JI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TC ALSC-AS7C31025-12TC Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31025-12TI ALSC-AS7C31025-12TI Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
More results

Similar Description - AS7C31025B-10JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025C ALSC-AS7C1025C Datasheet
112Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
AS7C1025B ALSC-AS7C1025B Datasheet
103Kb / 9P
   5V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008A AMICC-LP61L1008A Datasheet
118Kb / 11P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
   3.3V 128K X 8 CMOS SRAM
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA_14 Datasheet
68Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
Alliance Semiconductor ...
AS7C1029 ALSC-AS7C1029 Datasheet
112Kb / 9P
   5V 256K X 4 CMOS SRAM (Center power and ground)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com