Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS122DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS122DR
Description  1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS122DR Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS122DR Datasheet HTML 1Page - Texas Instruments SN65LVDS122DR Datasheet HTML 2Page - Texas Instruments SN65LVDS122DR Datasheet HTML 3Page - Texas Instruments SN65LVDS122DR Datasheet HTML 4Page - Texas Instruments SN65LVDS122DR Datasheet HTML 5Page - Texas Instruments SN65LVDS122DR Datasheet HTML 6Page - Texas Instruments SN65LVDS122DR Datasheet HTML 7Page - Texas Instruments SN65LVDS122DR Datasheet HTML 8Page - Texas Instruments SN65LVDS122DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
FUNCTIONAL DIAGRAM
1.5 Gbps
223 − 1 PRBS
VCC = 3.3 V
VID = 200 mV, VIC = 1.2 V
Horizontal Scale= 200 ps/div
Vertical Scale=200 mV/div
EYE PATTERNS OF OUTPUTS
OPERATING SIMULTANEOUSLY
MUX
1DE
1A
1B
S0
S1
2A
2B
2DE
1Y
1Z
2Y
2Z
Integrated Termination on SN65LVDT122 Only
OUTPUT 1
OUTPUT 2
110
110
SN65LVDS122
SN65LVDT122
SLLS525B – MAY 2002 – REVISED JUNE 2004
1.5-Gbps 2
× 2 LVDS CROSSPOINT SWITCH
Designed for Signaling Rates (1) Up To
The
SN65LVDS122
and
SN65LVDT122
are
1.5 Gbps
crosspoint switches that use low voltage differential
signaling (LVDS) to achieve signaling rates as high
Total Jitter < 65 ps
as 1.5 Gbps. They are pin-compatible speed up-
Pin-Compatible With SN65LVDS22 and
grades to the SN65LVDS22 and SN65LVDM22. The
SN65LVDM22
internal signal paths maintain differential signaling for
25 mV of Receiver Input Threshold Hysteresis
high speeds and low signal skews. These devices
Over 0-V to 4-V Common-Mode Range
have a 0-V to 4-V common-mode input range that
accepts LVDS, LVPECL, or CML inputs. Two logic
Inputs Electrically Compatible With CML,
pins (S0 and S1) set the internal configuration be-
LVPECL and LVDS Signal Levels
tween the differential inputs and outputs. This allows
Propagation Delay Times, 900 ps Maximum
the flexibility to perform the following configurations:
LVDT Integrates 110-
Ω Terminating Resistor
2 x 2 crosspoint switch, 2:1 input multiplexer, 1:2
splitter or dual repeater/translator within a single
Offered in SOIC and TSSOP
device. Additionally, SN65LVDT122 incorporates a
110-
Ω termination resistor for those applications
where board space is a premium. Although these
10-G (OC-192) Optical Modules
devices are designed for 1.5 Gbps, some applications
622-MHz Central Office Clock Distribution
at a 2-Gbps data rate can be supported depending on
loading and signal quality.
Wireless Basestations
Low Jitter Clock Repeater/Multiplexer
The intended application of this device is ideal for
loopback switching for diagnostic routines, fanout
Protection Switching for Serial Backplanes
buffering of clock/data distribution provide protection
in fault-tolerant systems, clock multiplexing in optical
modules,
and
for
overall
signal
boosting
over
extended distances.
(1)
The signlaing rate of a line is the number of voltage
The
SN65LVDS122
and
SN65LVDT122
are
transitions that are made per second expressed in the units
characterized for operation from –40
°C to 85°C.
bps (bits per second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDS122DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122DR TI-SN65LVDS122DR Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122DR TI1-SN65LVDS122DR Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122DRG4 TI-SN65LVDS122DRG4 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVDS122DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com