Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31024B-12TCN Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C31024B-12TCN
Description  3.3V 128K X 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31024B-12TCN Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C31024B-12TCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31024B-12TCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31024B-12TCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31024B-12TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31024B-12TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31024B-12TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31024B-12TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31024B-12TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31024B-12TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AS7C31024B
3/24/04, v.1.2
Alliance Semiconductor
P. 3 of 9
®
Recommended operating conditions
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
VCC
3.0
3.3
3.6
V
Input voltage
VIH
2.0
VCC + 0.5
V
VIL
–0.5
0.8
V
Ambient operating temperature
commercial
TA
0–
70
°C
VIL = -1.0V for pulse width less than 5ns
VIH = VCC + 1.5V for pulse width less than 5ns
DC operating characteristics (over the operating range)1
Parameter
Sym
Test conditions
-10
-12
-15
-20
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Input leakage
current
|ILI|
VCC = Max, VIN = GND to VCC
–1–
1–1
–1
µA
Output leakage
current
|ILO|
VCC = Max, CE1 = VIH or
CE2 = VIL, VOUT = GND to VCC
–1–
1–1
–1
µA
Operating power
supply current
ICC
VCC = Max, CE1 ≤ VIL,
CE2
≥ V
IH, f = fMax,
IOUT = 0 mA
70–65–60–55
mA
Standby power
supply current
ISB
VCC = Max, CE1 ≥ VIH and/or
CE2
≤ V
IL, f = fMax
30–25–20–20
mA
ISB1
VCC = Max, CE1 ≥ VCC–0.2V and/
or CE2
≤ 0.2V
VIN ≤ 0.2V or
VIN ≥ VCC –0.2V, f = 0
–5–
5–5
–5
Output voltage
VOL
IOL = 8 mA, VCC = Min
–0.4–0.4–0.4–0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4–2.4–2.4–2.4
V
Capacitance (f = 1 MHz, Ta = 25 °C, VCC = NOMINAL)
2
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE1, CE2, WE, OE
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF


Similar Part No. - AS7C31024B-12TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31024A-10JC ALSC-AS7C31024A-10JC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10JI ALSC-AS7C31024A-10JI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10STC ALSC-AS7C31024A-10STC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10STI ALSC-AS7C31024A-10STI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10TC ALSC-AS7C31024A-10TC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results

Similar Description - AS7C31024B-12TCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I Datasheet
192Kb / 17P
   128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024E-I AMICC-LP621024E-I Datasheet
173Kb / 15P
   128K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com