Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31026B-12JIN Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS7C31026B-12JIN
Description  3.3 V 64K X 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026B-12JIN Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS7C31026B-12JIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31026B-12JIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026B-12JIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026B-12JIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026B-12JIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026B-12JIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026B-12JIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026B-12JIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026B-12JIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
AS7C31026B
3/26/04, v 1.3
Alliance Semiconductor
P. 5 of 10
Read waveform 2 (OE, CE, UB, LB controlled)3,6,8,9
Write cycle (over the operating range) 11
Parameter
Symbol
-10
-12
-15
-20
Unit
Notes
Min
Max
Min
Max
Min
Max
Min
Max
Write cycle time
tWC
10
12
15
20
ns
Chip enable (CE) to write end
tCW
8–
9
10
12
ns
Address setup to write end
tAW
8–
9
10
12
ns
Address setup time
tAS
0
0
0
–0–
ns
Write pulse width
tWP
7
8
9
12
ns
Write recovery time
tWR
0
0
0
–0–
ns
Address hold from end of write
tAH
0
0
0
–0–
ns
Data valid to write end
tDW
5
6
8
10
ns
Data hold time
tDH
0
0
0
–0–
ns
5
Write enable to output in high Z
tWZ
5
6
7
8
ns
4, 5
Output active from write end
tOW
1
1
1
2
ns
4, 5
Byte select low to end of write
tBW
7
8
9
–9–
ns
Data valid
tRC
tAA
tBLZ
tBA
tOE
tOLZ
tOH
tOHZ
tHZ
tBHZ
tACE
tLZ
Address
OE
CE
LB, UB
DataIN


Similar Part No. - AS7C31026B-12JIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C31026-10 ALSC-AS7C31026-10 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10BC ALSC-AS7C31026-10BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10JC ALSC-AS7C31026-10JC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C31026B-12JIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
   5 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
   5 V 64K X 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com