Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C31026B-12TCN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C31026B-12TCN
Description  3.3 V 64K X 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C31026B-12TCN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C31026B-12TCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31026B-12TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
®
AS7C31026B
3/26/04, v 1.3
Alliance Semiconductor
P. 2 of 10
Functional description
The AS7C31026B is a high-performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) device organized as 65,536 words
× 16 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 5, 6, 7, 8 ns are ideal for
high-performance applications.
When CE is high, the device enters standby mode. A write cycle is accomplished by asserting write enable (WE) and chip enable (CE). Data
on the input pins I/O0 through I/O15 is written on the rising edge of WE (write cycle 1) or CE (write cycle 2). To avoid bus contention,
external devices should drive I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE) and chip enable (CE) with write enable (WE) high. The chips drive I/O pins
with the data word referenced by the input address. When either chip enable or output enable is inactive or write enable is active, output
drivers stay in high-impedance mode.
The device provides multiple center power and ground pins, and separate byte enable controls, allowing individual bytes to be written and
read. LB controls the lower bits, I/O0 through I/O7, and UB controls the higher bits, I/O8 through I/O15.
All chip inputs and outputs are TTL-compatible, and operation is from a single 3.3 V supply. The device is packaged in common industry
standard packages.
Note: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
Key: H = high, L = low, X = don’t care.
Absolute maximum ratings
Parameter
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
Vt1
–0.50
+5.0
V
Voltage on any pin relative to GND
Vt2
–0.50
VCC +0.50
V
Power dissipation
PD
–1.0
W
Storage temperature (plastic)
Tstg
–65
+150
°C
Ambient temperature with VCC applied
Tbias
–55
+125
°C
DC current into outputs (low)
IOUT
–20
mA
Truth table
CE
WE
OE
LB
UB
I/O0–I/O7
I/O8–I/O15
Mode
H
X
X
X
X
High Z
High Z
Standby (ISB), ISBI)
LH
L
L
H
DOUT
High Z
Read I/O0–I/O7 (ICC)
L
H
L
H
L
High Z
DOUT
Read I/O8–I/O15 (ICC)
L
H
LLL
DOUT
DOUT
Read I/O0–I/O15 (ICC)
LL
X
L
L
DIN
DIN
Write I/O0–I/O15 (ICC)
LL
X
L
H
DIN
High Z
Write I/O0–I/O7 (ICC)
L
L
X
H
L
High Z
DIN
Write I/O8–I/O15 (ICC)
L
L
H
X
H
X
X
H
X
H
High Z
High Z
Output disable (ICC)


Similar Part No. - AS7C31026B-12TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C31026-10 ALSC-AS7C31026-10 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10BC ALSC-AS7C31026-10BC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C31026-10JC ALSC-AS7C31026-10JC Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
More results

Similar Description - AS7C31026B-12TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31026C ALSC-AS7C31026C Datasheet
170Kb / 10P
   3.3 V 64K X 16 CMOS SRAM
AS7C1026B ALSC-AS7C1026B Datasheet
122Kb / 10P
   5 V 64K X 16 CMOS SRAM
AS7C1026C ALSC-AS7C1026C Datasheet
136Kb / 9P
   5 V 64K X 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
   3.3 V 32K X 16 CMOS SRAM
AS7C32098A ALSC-AS7C32098A Datasheet
198Kb / 10P
   3.3 V 128K x 16 CMOS SRAM
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Lyontek Inc.
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com