Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V3557SA Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT71V3557SA
Description  128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3557SA Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT71V3557SA Datasheet HTML 2Page - Integrated Device Technology IDT71V3557SA Datasheet HTML 3Page - Integrated Device Technology IDT71V3557SA Datasheet HTML 4Page - Integrated Device Technology IDT71V3557SA Datasheet HTML 5Page - Integrated Device Technology IDT71V3557SA Datasheet HTML 6Page - Integrated Device Technology IDT71V3557SA Datasheet HTML 7Page - Integrated Device Technology IDT71V3557SA Datasheet HTML 8Page - Integrated Device Technology IDT71V3557SA Datasheet HTML 9Page - Integrated Device Technology IDT71V3557SA Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6.42
6
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
Absolute Maximum Ratings (1)
100 TQFP Capacitance(1)
(TA = +25°C, F = 1.0MHZ)
Pin Configuration — 256K x 18
NOTES:
1. Pins14,64,and66donothavetobeconnecteddirectlytoVSS aslongastheinputvoltage
is < VIL.
2. Pin 16 does not have to be connected directly to VDD as long as the input voltage
is > VIH.
3. Pins 83 and 84 are reserved for future 8M and 16M respectively.
4. Pin 64 supports ZZ (sleep mode) for the latest die revisions.
Top View
100 TQFP
NOTE:
1. This parameter is guaranteed by device characterization, but not production tested.
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VDD terminals only.
3. VDDQ terminals only.
4. Input terminals only.
5. I/O terminals only.
6. This is a steady-state DC parameter that applies after the power supply has
reached its nominal operating value. Power sequencing is not necessary;
however, the voltage on any input or I/O pin cannot exceed VDDQ during power
supply ramp up.
7. TA is the "instant on" case temperature.
100 999897 9695 94939291 90
8786858483 8281
89 88
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC
NC
VDDQ
VSS
NC
I/OP2
I/O15
I/O14
VSS
VDDQ
I/O13
I/O12
VSS
VDD
I/O11
I/O10
VDDQ
VSS
I/O9
I/O8
NC
NC
VSS
VDDQ
NC
NC
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NC
VDDQ
VSS
NC
I/OP1
I/O7
I/O6
VSS
VDDQ
I/O5
I/O4
VSS
VDD
I/O3
I/O2
VDDQ
VSS
I/O1
I/O0
NC
NC
VSS
VDDQ
NC
NC
5282 drw 02a
VSS(1)
NC
NC
VDD(2)
NC
NC
VSS(1)
A10
VSS/ZZ(1,4)
,
Symbol
Rating
Commercial &
Industrial Values
Unit
VTERM
(2)
Terminal Voltage with
Respect to GND
-0.5 to +4.6
V
VTERM
(3,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD
V
VTERM
(4,6)
Terminal Voltage with
Respect to GND
-0.5 to VDD +0.5
V
VTERM
(5,6)
Terminal Voltage with
Respect to GND
-0.5 to VDDQ +0.5
V
TA(7)
Commercial
Operating Temperature
-0 to +70
oC
Industrial
Operating Temperature
-40 to +85
oC
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-55 to +125
oC
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
50
mA
5282 tbl 06
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
5
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5282 tbl 07
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
5282 tbl 07a
119 BGA Capacitance(1)
(TA = +25°C, F = 1.0MHZ)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
TBD
pF
CI/O
I/O Capacitance
VOUT = 3dV
TBD
pF
5282 tb l 07b
119 BGA Capacitance(1)
(TA = +25°C, F = 1.0MHZ)


Similar Part No. - IDT71V3557SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3557SA IDT-IDT71V3557SA Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3557SA75BGG IDT-IDT71V3557SA75BGG Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3557SA75BGGI IDT-IDT71V3557SA75BGGI Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3557SA75BQG IDT-IDT71V3557SA75BQG Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3557SA75BQGI IDT-IDT71V3557SA75BQGI Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
More results

Similar Description - IDT71V3557SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2577 IDT-IDT71V2577 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com