Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS-301MC22R Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # DSS-301MC22R
Description  DIA SURGE SUPPRESSOR (DSS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

DSS-301MC22R Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button DSS-301MC22R Datasheet HTML 3Page - Mitsubishi Electric Semiconductor DSS-301MC22R Datasheet HTML 4Page - Mitsubishi Electric Semiconductor DSS-301MC22R Datasheet HTML 5Page - Mitsubishi Electric Semiconductor DSS-301MC22R Datasheet HTML 6Page - Mitsubishi Electric Semiconductor DSS-301MC22R Datasheet HTML 7Page - Mitsubishi Electric Semiconductor DSS-301MC22R Datasheet HTML 8Page - Mitsubishi Electric Semiconductor DSS-301MC22R Datasheet HTML 9Page - Mitsubishi Electric Semiconductor DSS-301MC22R Datasheet HTML 10Page - Mitsubishi Electric Semiconductor DSS-301MC22R Datasheet HTML 11Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ノーマルモード
DSANR-3
DSAZR2-501M
DSANR-5
DSANR-6A
DSAZR2-302M
DSAZR2-362M
コモンモード
使用例:FAX、キーテレホンシステム、PBX、モデム、留守番電話、コードレスホン、電話機等
AC250V
モデム
6.
電話回線に接続する機器
電話機
通信機器
8.
過電圧試験対策回路(DSSV-T5)
7.
過電圧試験対策回路(DSSV-YD)
DSSV-YDタイプは、T∼R間に過電圧が印加された場合、通
信回線に直列に入っている金属線がオープンし、通信回路
を遮断します。
DSSV-T5タイプは、T∼R間に過電圧が印加された場合、サ
ージアブソーバに直列に入っている金属線がオープンし、
サージアブソーバに流れる過電圧を遮断します。
本体回路
T
1
2
4
3
R
Telephone set
本体回路
T
R
SA1
Telephone set
本体回路
T
2
R
Telephone set
1
T
R
SA1
本体回路
SA2
GND
GND
SA4
SA3
DSANR-1
DSAZR1-301L
DSS-301L
日本、米国、欧州
東南アジア
DSS-401M
カナダ
T∼R間
AC1200V
DSA-242MA
AC1500V
DSA-302MA
AC耐電圧試験無し
AC耐電圧試験有り
SA1と同じ
Same as SA1
T,R∼GND間
DSANR-4
DSAZR1-242M
SA4
AC125V
電源
通信回線
SA3
SA2
SA1
L1
SA1
SA2
L1
L2
L2
GND
GND
Normal mode
Common mode
Applications : key telephone system, PBX, modem, answering phone, cordless telephone, normal telephone etc.
Modem
Telecommunication equipment
(FAX, KTS, PBX)
Telephone
(One piece, cordless, answering machine)
Overvoltage test circuit (DSSV-T5)
Overvoltage test circuit (DSSV-YD)
When the applied overvoltage is between tip and ring, the
communication line is cut off by the wire opening.
When the applied overvoltage is between tip and ring, the cir-
cuit is cut off by the wire opening.
Main
circuit
Main
circuit
Main
circuit
Main
circuit
Japan,USA,EU and
South East Asia
Canada
Between T
and R.
AC withstanding
test is not required
AC withstanding
test is required
Between T,
R and GND.
Power supply
Telecommunication interface
25


Similar Part No. - DSS-301MC22R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
   Two-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
DSS-313 MA-COM-DSS-313 Datasheet
528Kb / 4P
   Two-Way Power Divider
DSS-313PIN MA-COM-DSS-313PIN Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
logo
Tyco Electronics
DSS-327 MACOM-DSS-327 Datasheet
63Kb / 1P
   Surface Mount Two-Way Power Divider 5 - 1000 MHz
More results

Similar Description - DSS-301MC22R

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com