Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33128NTD32B-200TQC Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS7C33128NTD32B-200TQC
Description  3.3V 128Kx32/36 Pipelined SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128NTD32B-200TQC Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS7C33128NTD32B-200TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQC Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
®
AS7C33128NTD32B
AS7C33128NTD36B
2/8/05; v.1.5
Alliance Semiconductor
P. 9 of 18
Snooze Mode Electrical Characteristics
Timing characteristics over operating range
Parameter
Sym
-200
-166
-133
Unit
Notes1
1 See “Notes” on page 15.
Min
Max
Min
Max
Min
Max
Clock frequency
fMAX
200
-
166
-
133
MHz
Cycle time
tCYC
5
6
-
7.5
-
ns
Clock access time
tCD
3.0
-
3.5
-
4.0
ns
Output enable Low to data valid
tOE
3.0
-
3.5
-
4.0
ns
Clock High to output Low Z
tLZC
0
0
-
0
-
ns
2,3,4
Data output invalid from clock High
tOH
1.5–1.5
-
1.5
-
ns
4
Output enable Low to output Low Z
tLZOE
0
0
-
0
-
ns
2,3,4
Output enable High to output High Z
tHZOE
3.0
-
3.5
-
4.0
ns
2,3,4
Clock High to output High Z
tHZC
3.0
-
3.5
-
4.0
ns
2,3,4
Clock High to output High Z
tHZCN
1.5
-
1.5
-
2.0
ns
5
Clock High pulse width
tCH
2.0–2.4
-
2.5
-
ns
6
Clock Low pulse width
tCL
2.3–2.4
-
2.5
-
ns
6
Address setup to clock High
tAS
1.4–1.5
-
1.5
-
ns
7
Data setup to clock High
tDS
1.4–1.5
-
1.5
-
ns
7
Write setup to clock High
tWS
1.4–1.5
-
1.5
-
ns
7
Chip select setup to clock High
tCSS
1.4–1.5
-
1.5
-
ns
7
Clock enable setup to clock High
tCENS
1.4–1.5
-
1.5
-
ns
7
ADV/LD
setup to clock High
tADVS
1.4–1.5
-
1.5
-
ns
7
Address hold from clock High
tAH
0.4–0.5
-
0.5
-
ns
7
Data hold from clock High
tDH
0.4–0.5
-
0.5
-
ns
7
Write hold from clock High
tWH
0.4–0.5
-
0.5
-
ns
7
ADV/LD
hold from clock High
tADVH
0.4–0.5
-
0.5
-
ns
7
Clock enable hold from clock High
tCENH
0.4–0.5
-
0.5
-
ns
7
Chip select hold from clock High
tCSH
0.4–0.5
-
0.5
-
ns
7
Description
Conditions
Symbol
Min
Max
Units
Current during Snooze Mode
ZZ > VIH
ISB2
30
mA
ZZ active to input ignored
tPDS
2cycle
ZZ inactive to input sampled
tPUS
2cycle
ZZ active to SNOOZE current
tZZI
2cycle
ZZ inactive to exit SNOOZE current
tRZZI
0cycle


Similar Part No. - AS7C33128NTD32B-200TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128NTD18B ALSC-AS7C33128NTD18B Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQC ALSC-AS7C33128NTD18B-133TQC Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQCN ALSC-AS7C33128NTD18B-133TQCN Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQI ALSC-AS7C33128NTD18B-133TQI Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQIN ALSC-AS7C33128NTD18B-133TQIN Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
More results

Similar Description - AS7C33128NTD32B-200TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C331MNTD32A ALSC-AS7C331MNTD32A Datasheet
441Kb / 18P
   3.3V 1M x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C33128NTD18B ALSC-AS7C33128NTD18B Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Pipelined SRAM with NTD
AS7C33256NTD18B ALSC-AS7C33256NTD18B Datasheet
441Kb / 18P
   3.3V 256K x 8 Pipelined SRAM with NTD
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C251MNTD32A ALSC-AS7C251MNTD32A Datasheet
436Kb / 18P
   2.5V 1M x 32/36 Pipelined SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com