Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33128NTD18B-133TQC Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C33128NTD18B-133TQC
Description  3.3V 128Kx18 Pipelined SRAM with NTD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128NTD18B-133TQC Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C33128NTD18B-133TQC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128NTD18B-133TQC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128NTD18B-133TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128NTD18B-133TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128NTD18B-133TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128NTD18B-133TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128NTD18B-133TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128NTD18B-133TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128NTD18B-133TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2005
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C33128NTD18B
4/28/05;
v.1.3
Alliance Semiconductor
P. 1 of 19
3.3V 128K×18 Pipelined SRAM with NTDTM
®
Features
• Organization: 131,072 words × 18 bits
•NTDarchitecture for efficient bus operation
• Fast clock speeds to 200 MHz
• Fast clock to data access: 3.0/3.5/4.0 ns
•Fast OE access time: 3.0/3.5/4.0 ns
• Fully synchronous operation
• Asynchronous output enable control
• Available in 100-pin TQFP package
• Byte write enables
• Clock enable for operation hold
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Self-timed write cycles
• Interleaved or linear burst modes
• Snooze mode for standby operation
Logic block diagram
Address
D
Q
CLK
register
Output
Register
DQ [a:b]
18
18
17
17
CLK
CE0
CE1
CE2
A[16:0]
OE
CLK
CEN
Control
CLK
logic
Data
D
Q
CLK
Input
Register
18
18
18
OE
128K x 18
SRAM
Array
R/W
DQ [a:b]
BWa
BWb
CLK
Q
D
ADV / LD
LBO
Burst logic
addr. registers
Write delay
18
17
ZZ
CLK
17
Selection Guide
-200
-166
-133
Units
Minimum cycle time
5
67.5
ns
Maximum clock frequency
200
166
133
MHz
Maximum clock access time
3.0
3.5
4
ns
Maximum operating current
375
350
325
mA
Maximum standby current
135
120
110
mA
Maximum CMOS standby current (DC)
30
30
30
mA


Similar Part No. - AS7C33128NTD18B-133TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128NTD32B ALSC-AS7C33128NTD32B Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
AS7C33128NTD32B-133TQC ALSC-AS7C33128NTD32B-133TQC Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
AS7C33128NTD32B-133TQCN ALSC-AS7C33128NTD32B-133TQCN Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
AS7C33128NTD32B-133TQI ALSC-AS7C33128NTD32B-133TQI Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
AS7C33128NTD32B-133TQIN ALSC-AS7C33128NTD32B-133TQIN Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C33128NTD18B-133TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128NTD32B ALSC-AS7C33128NTD32B Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Pipelined SRAM with NTD
AS7C33256NTD18B ALSC-AS7C33256NTD18B Datasheet
441Kb / 18P
   3.3V 256K x 8 Pipelined SRAM with NTD
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C331MNTD32A ALSC-AS7C331MNTD32A Datasheet
441Kb / 18P
   3.3V 1M x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C33512NTD18A ALSC-AS7C33512NTD18A Datasheet
439Kb / 19P
   3.3V 512K x 18 Pipelined burst Synchronous SRAM with NTD
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
AS7C252MNTD18A ALSC-AS7C252MNTD18A Datasheet
436Kb / 18P
   2.5V 2M x 18 Pipelined SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com