Electronic Components Datasheet Search |
|
MC78L05ABPRAG Datasheet(PDF) 1 Page - ON Semiconductor |
|
MC78L05ABPRAG Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 16 page © Semiconductor Components Industries, LLC, 2004 December, 2004 − Rev. 9 1 Publication Order Number: MC78L00A/D MC78L00A Series, NCV78L00A 100 mA Positive Voltage Regulators The MC78L00A Series of positive voltage regulators are inexpensive, easy−to−use devices suitable for a multitude of applications that require a regulated supply of up to 100 mA. Like their higher powered MC7800 and MC78M00 Series cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No external components are required with the MC78L00 devices in many applications. These devices offer a substantial performance advantage over the traditional zener diode−resistor combination, as output impedance and quiescent current are substantially reduced. Features • Wide Range of Available, Fixed Output Voltages • Low Cost • Internal Short Circuit Current Limiting • Internal Thermal Overload Protection • No External Components Required • Complementary Negative Regulators Offered (MC79L00A Series) • Pb−Free Packages are Available • NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes Figure 1. Representative Schematic Diagram 15k Q1 Q3 Q5 Input Output Ground Q11 Q12 3.0 0−25k 2.85k 5.0k Q10 3.8k Q4 Q6 1.2k 1.9k 19k 2.2k Q9 Q8 C Q7 1.0k 420 Z1 Q2 Figure 2. Standard Application A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0 V above the output voltage even during the low point on the input ripple voltage. *Cin is required if regulator is located an appreciable distance from power supply filter. ** CO is not needed for stability; however, it does improve transient response. MC78LXXA Input Cin* 0.33 mF CO** Output TO−92 P SUFFIX CASE 029 See detailed ordering and shipping information in the package dimensions section on page 9 of this data sheet. ORDERING INFORMATION 3 Pin: 1. Output 2. Ground 3. Input PIN CONNECTIONS 18 7 6 5 2 3 4 (Top View) VOUT GND GND VIN GND NC GND NC SOIC−8* D SUFFIX CASE 751 *SOIC−8 is an internally modified SO−8 package. Pins 2, 3, 6, and 7 are electrically common to the die attach flag. This internal lead frame modification decreases package thermal resistance and increases power dissipation capability when appropriately mounted on a printed circuit board. SOIC−8 conforms to all exter- nal dimensions of the standard SO−8 package. See general marking information in the device marking section on page 13 of this data sheet. DEVICE MARKING INFORMATION 2 1 1 8 http://onsemi.com |
Similar Part No. - MC78L05ABPRAG |
|
Similar Description - MC78L05ABPRAG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |