Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC78L05ABPREG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC78L05ABPREG
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L05ABPREG Datasheet(HTML) 5 Page - ON Semiconductor

  MC78L05ABPREG Datasheet HTML 1Page - ON Semiconductor MC78L05ABPREG Datasheet HTML 2Page - ON Semiconductor MC78L05ABPREG Datasheet HTML 3Page - ON Semiconductor MC78L05ABPREG Datasheet HTML 4Page - ON Semiconductor MC78L05ABPREG Datasheet HTML 5Page - ON Semiconductor MC78L05ABPREG Datasheet HTML 6Page - ON Semiconductor MC78L05ABPREG Datasheet HTML 7Page - ON Semiconductor MC78L05ABPREG Datasheet HTML 8Page - ON Semiconductor MC78L05ABPREG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VI = 27 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, 0°C < TJ < +125°C, unless otherwise noted.)
MC78L18AC
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
17.3
18
18.7
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
21.4 Vdc
≤ VI ≤ 33 Vdc
20.7 Vdc
≤ VI ≤ 33 Vdc
22 Vdc
≤ VI ≤ 33 Vdc
21 Vdc
≤ VI ≤ 33 Vdc
Regline
45
35
325
275
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
30
15
170
85
mV
Output Voltage
(21.4 Vdc
≤ VI ≤ 33 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(20.7 Vdc
≤ VI ≤ 33 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(VI = 27 V, 1.0 mA ≤ IO ≤ 70 mA)
(VI = 27 V, 1.0 mA ≤ IO ≤ 70 mA)
VO
17.1
17.1
18.9
18.9
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
3.1
6.5
6.0
mA
Input Bias Current Change
(22 Vdc
≤ VI ≤ 33 Vdc)
(21 Vdc
≤ VI ≤ 33 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
DIIB
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
150
mV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 23 V
≤ VI ≤ 33 V, TJ = +25°C)
RR
33
48
dB
Dropout Voltage
(TJ = +25°C)
VI − VO
1.7
Vdc


Similar Part No. - MC78L05ABPREG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78L05ABPREG ONSEMI-MC78L05ABPREG Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L05ABPREG ONSEMI-MC78L05ABPREG Datasheet
194Kb / 18P
   100 mA Positive Voltage Regulators
January, 2010 ??Rev. 15
MC78L05ABPREG ONSEMI-MC78L05ABPREG Datasheet
173Kb / 14P
   100 mA Positive Voltage Regulators
May, 2013 ??Rev. 16
MC78L05ABPREG ONSEMI-MC78L05ABPREG Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results

Similar Description - MC78L05ABPREG

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
List of Unclassifed Man...
78L00A ETC-78L00A Datasheet
81Kb / 7P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL78L INTEGRAL-IL78L Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL78L12XA3 CYSTEKEC-PL78L12XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Motorola, Inc
MC78L00 MOTOROLA-MC78L00 Datasheet
157Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL78L08XA3 CYSTEKEC-PL78L08XA3 Datasheet
150Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
PL78L09XA3 CYSTEKEC-PL78L09XA3 Datasheet
151Kb / 4P
   Three Terminal Low Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com