Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V3559SA75BG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT71V3559SA75BG
Description  128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3559SA75BG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT71V3559SA75BG Datasheet HTML 5Page - Integrated Device Technology IDT71V3559SA75BG Datasheet HTML 6Page - Integrated Device Technology IDT71V3559SA75BG Datasheet HTML 7Page - Integrated Device Technology IDT71V3559SA75BG Datasheet HTML 8Page - Integrated Device Technology IDT71V3559SA75BG Datasheet HTML 9Page - Integrated Device Technology IDT71V3559SA75BG Datasheet HTML 10Page - Integrated Device Technology IDT71V3559SA75BG Datasheet HTML 11Page - Integrated Device Technology IDT71V3559SA75BG Datasheet HTML 12Page - Integrated Device Technology IDT71V3559SA75BG Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
6.42
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
9
Interleaved Burst Sequence Table (LBO=VDD)
Partial Truth Table for Writes (1)
Synchronous Truth Table (1)
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. When ADV/
LD signal is sampled high, the internal burst counter is incremented. The R/W signal is ignored when the counter is advanced. Therefore the nature of
the burst cycle (Read or Write) is determined by the status of the R/
W signal when the first address is loaded at the beginning of the burst cycle.
3. Deselect cycle is initiated when either (
CE1, or CE2 is sampled high or CE2 is sampled low) and ADV/LD is sampled low at rising edge of clock. The data bus will
tri-state one cycle after deselect is initiated.
4. When
CEN is sampled high at the rising edge of clock, that clock edge is blocked from propogating through the part. The state of all the internal registers and the I/
Os remains unchanged.
5. To select the chip requires
CE1 = L, CE2 = L and CE2 = H on these chip enable pins. The chip is deselected if any one of the chip enables is false.
6. Device Outputs are ensured to be in High-Z during device power-up.
7. Q - data read from the device, D - data written to the device.
NOTES:
1. L = VIL, H = VIH, X = Don’t Care.
2. Multiple bytes may be selected during the same cycle.
3. N/A for x18 configuration.
NOTE:
1. Upon completion of the Burst sequence the counter wraps around to its initial state and continues counting.
CEN
R/
W
CE1,
CE2(5)
ADV/
LD
BWx
ADDRESS
USED
PREVIOUS CYCLE
CURRENT CYCLE
I/O
(One cycle later)
L
L
L
L
Valid
External
X
LOAD WRITE
D
(7)
L
H
L
L
X
External
X
LOAD READ
Q
(7)
L
X
X
H
Valid
Internal
LOAD WRITE /
BURST WRITE
BURST WRITE
(Advance burst counter)
(2)
D
(7)
L
X
X
H
X
Internal
LOAD READ /
BURST READ
BURST READ
(Advance burst counter)
(2)
Q
(7)
L
X
H
L
X
X
X
DESELECT or STOP
(3)
HIZ
L
X
X
H
X
X
DESELECT / NOOP
NOOP
HIZ
H
X
X
X
X
X
X
SUSPEND
(4)
Previous Value
5282 tbl 08
Sequence 1
Sequence 2
Sequence 3
Sequence 4
A1
A0
A1
A0
A1
A0
A1
A0
First Address
0
0
0
1
1
0
1
1
Second Address
0
1
0
0
1
1
1
0
Third Address
1
0
1
1
0
0
0
1
Fourth Address
(1)
11
1
0
0
1
0
0
5282 tbl 10
OPERATION
R/
W
BW1
BW2
BW3(3)
BW4(3)
READ
H
X
XXX
WRITE ALL BYTES
L
LLLL
WRITE BYTE 1 (I/O[0:7], I/OP1)
(2)
L
L
HHH
WRITE BYTE 2 (I/O[8:15], I/OP2)
(2)
LH
LH
H
WRITE BYTE 3 (I/O[16:23], I/OP3)
(2,3)
L
HHL
H
WRITE BYTE 4 (I/O[24:31], I/OP4)
(2,3)
LH
H
H
L
NO WRITE
L
H
HHH
5282 tbl 09


Similar Part No. - IDT71V3559SA75BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3559SA75BGG IDT-IDT71V3559SA75BGG Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3559SA75BGGI IDT-IDT71V3559SA75BGGI Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
More results

Similar Description - IDT71V3559SA75BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2577 IDT-IDT71V2577 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com