Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33128NTD32B-200TQIN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C33128NTD32B-200TQIN
Description  3.3V 128Kx32/36 Pipelined SRAM with NTD
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128NTD32B-200TQIN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C33128NTD32B-200TQIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33128NTD32B-200TQIN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
®
AS7C33128NTD32B
AS7C33128NTD36B
2/8/05; v.1.5
Alliance Semiconductor
P. 6 of 18
Synchronous truth table[5,6,7,8,9,11]
Key: X = Don’t Care, H = HIGH, L = LOW. BWn = H means all byte write signals (BWa, BWb, BWc, and BWd) are HIGH. BWn = L means one or more byte write signals are LOW.
Notes:
1 CONTINUE BURST cycles, whether READ or WRITE, use the same control inputs. The type of cycle performed (READ or WRITE) is chose in the initial BEGIN BURST cycle.
A CONINUE DESELECT cycle can only be entered if a DESELECT CYCLE is executed first.
2 DUMMY READ and WRITE ABORT cycles can be considered NOPs because the device performs no external operation. A WRITE ABORT means a WRITE command is given,
but no operation is performed.
3 OE may be wired LOW to minimize the number of control signal to the SRAM. The device will automatically turn off the output drivers during a WRITE cycle. OE may be used
when the bus turn-on and turn-off times do not meet an application’s requirements.
4 If an INHIBIT CLOCK command occurs during a READ operation, the DQ bus will remain active (Low-Z). If it occurs during a WRITE cycle, the bus will remain in High-Z. No
WRITE operations will be performed during the INHIBIT CLOCK cycle.
5 BWa enables WRITEs to byte “a” (DQa pins); BWb enables WRITEs to byte “b” (DQb pins); BWc enables WRITEs to byte “c” (DQc pins); BWd enables WRITEs to byte “d”
(DQd pins).
6 All inputs except OE and ZZ must meet setup and hold times around the rising edge (LOW to HIGH) of CLK.
7 Wait states are inserted by setting CEN HIGH.
8 This device contains circuitry that will ensure that the outputs will be in High-Z during power-up.
9 The device incorporates a 2-bit burst counter. Address wraps to the initial address every fourth BURST CYCLE.
10 The address counter is incremented for all CONTINUE BURST cycles.
11 ZZ pin is always Low.
CE0 CE1 CE2 ADV/LD R/W
BWn
OE CEN
Address
source
CLK
Operation
DQ
Notes
H
X
X
L
X
X
X
L
NA
L to H
DESELECT Cycle
High-Z
X
X
H
L
X
X
X
L
NA
L to H
DESELECT Cycle
High-Z
X
L
X
L
X
X
X
L
NA
L to H
DESELECT Cycle
High-Z
X
X
X
H
X
X
X
L
NA
L to H
CONTINUE DESELECT Cycle
High-Z
1
L
H
L
L
H
X
L
L
External L to H
READ Cycle (Begin Burst)
Q
X
X
X
H
X
X
L
L
Next
L to H
READ Cycle (Continue Burst)
Q
1,10
L
H
L
L
H
X
H
L
External L to H NOP/DUMMY READ (Begin Burst) High-Z
2
X
X
X
H
X
X
H
L
Next
L to H
DUMMY READ (Continue Burst)
High-Z 1,2,10
L
H
L
L
L
L
X
L
External L to H
WRITE CYCLE (Begin Burst)
D
3
X
X
X
H
X
L
X
L
Next
L to H
WRITE CYCLE (Continue Burst)
D
1,3,10
L
H
L
L
L
H
X
L
External L to H NOP/WRITE ABORT (Begin Burst) High-Z
2,3
X
X
X
H
X
H
X
L
Next
L to H
WRITE ABORT (Continue Burst)
High-Z
1,2,3,
10
X
X
X
X
X
X
X
H
Current L to H
INHIBIT CLOCK
-
4


Similar Part No. - AS7C33128NTD32B-200TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128NTD18B ALSC-AS7C33128NTD18B Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQC ALSC-AS7C33128NTD18B-133TQC Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQCN ALSC-AS7C33128NTD18B-133TQCN Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQI ALSC-AS7C33128NTD18B-133TQI Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33128NTD18B-133TQIN ALSC-AS7C33128NTD18B-133TQIN Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
More results

Similar Description - AS7C33128NTD32B-200TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Pipelined SRAM with NTD
AS7C331MNTD32A ALSC-AS7C331MNTD32A Datasheet
441Kb / 18P
   3.3V 1M x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C33128NTD18B ALSC-AS7C33128NTD18B Datasheet
443Kb / 19P
   3.3V 128Kx18 Pipelined SRAM with NTD
AS7C33256NTD32A ALSC-AS7C33256NTD32A Datasheet
441Kb / 19P
   3.3V 256K x 2/36 Pipelined burst Synchronous SRAM with NTD
AS7C332MNTD18A ALSC-AS7C332MNTD18A Datasheet
439Kb / 18P
   3.3V 2M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Pipelined SRAM with NTD
AS7C33256NTD18B ALSC-AS7C33256NTD18B Datasheet
441Kb / 18P
   3.3V 256K x 8 Pipelined SRAM with NTD
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
   2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C251MNTD32A ALSC-AS7C251MNTD32A Datasheet
436Kb / 18P
   2.5V 1M x 32/36 Pipelined SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com