Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F640P30B85 Datasheet(PDF) 1 Page - Intel Corporation

Part # TE28F640P30B85
Description  Intel StrataFlash Embedded Memory
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F640P30B85 Datasheet(HTML) 1 Page - Intel Corporation

  TE28F640P30B85 Datasheet HTML 1Page - Intel Corporation TE28F640P30B85 Datasheet HTML 2Page - Intel Corporation TE28F640P30B85 Datasheet HTML 3Page - Intel Corporation TE28F640P30B85 Datasheet HTML 4Page - Intel Corporation TE28F640P30B85 Datasheet HTML 5Page - Intel Corporation TE28F640P30B85 Datasheet HTML 6Page - Intel Corporation TE28F640P30B85 Datasheet HTML 7Page - Intel Corporation TE28F640P30B85 Datasheet HTML 8Page - Intel Corporation TE28F640P30B85 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
Order Number: 306666, Revision: 001
April 2005
Intel StrataFlash
® Embedded Memory
(P30)
1-Gbit P30 Family
Datasheet
Product Features
The Intel StrataFlash
® Embedded Memory (P30) product is the latest generation of Intel
StrataFlash
® memory devices. Offered in 64-Mbit up through 1-Gbit densities, the P30 device
brings reliable, two-bit-per-cell storage technology to the embedded flash market segment.
Benefits include more density in less space, high-speed interface, lowest cost-per-bit NOR
device, and support for code and data storage. Features include high-performance synchronous-
burst read mode, fast asynchronous access times, low power, flexible security options, and three
industry standard package choices.
The P30 product family is manufactured using Intel® 130 nm ETOX™ VIII process technology.
High performance
— 85/88 ns initial access
— 40 MHz with zero wait states, 20 ns clock-to-
data output synchronous-burst read mode
— 25 ns asynchronous-page read mode
— 4-, 8-, 16-, and continuous-word burst mode
— Buffered Enhanced Factory Programming
(BEFP) at 5 µs/byte (Typ)
— 1.8 V buffered programming at 7 µs/byte (Typ)
Architecture
— Multi-Level Cell Technology: Highest Density
at Lowest Cost
— Asymmetrically-blocked architecture
— Four 32-KByte parameter blocks: top or
bottom configuration
— 128-KByte main blocks
Voltage and Power
—VCC (core) voltage: 1.7 V – 2.0 V
—VCCQ (I/O) voltage: 1.7 V – 3.6 V
— Standby current: 55 µA (Typ) for 256-Mbit
— 4-Word synchronous read current:
13 mA (Typ) at 40 MHz
Quality and Reliability
— Operating temperature: –40 °C to +85 °C
• 1-Gbit in SCSP is –30 °C to +85 °C
— Minimum 100,000 erase cycles per block
— ETOX™ VIII process technology (130 nm)
Security
— One-Time Programmable Registers:
• 64 unique factory device identifier bits
• 64 user-programmable OTP bits
• Additional 2048 user-programmable OTP bits
— Selectable OTP Space in Main Array:
• 4x32KB parameter blocks + 3x128KB main
blocks (top or bottom configuration)
— Absolute write protection: VPP = VSS
— Power-transition erase/program lockout
— Individual zero-latency block locking
— Individual block lock-down
Software
— 20 µs (Typ) program suspend
— 20 µs (Typ) erase suspend
—Intel
® Flash Data Integrator optimized
— Basic Command Set and Extended Command
Set compatible
— Common Flash Interface capable
Density and Packaging
— 64/128/256-Mbit densities in 56-Lead TSOP
package
— 64/128/256/512-Mbit densities in 64-Ball
Intel® Easy BGA package
— 64/128/256/512-Mbit and 1-Gbit densities in
Intel® QUAD+ SCSP
— 16-bit wide data bus


Similar Part No. - TE28F640P30B85

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
TE28F640P30B85 NUMONYX-TE28F640P30B85 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
logo
Micron Technology
TE28F640P30B85 MICRON-TE28F640P30B85 Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
More results

Similar Description - TE28F640P30B85

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Numonyx B.V
JS28F256P33BFA NUMONYX-JS28F256P33BFA Datasheet
374Kb / 18P
   NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com