Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F640P30B85 Datasheet(PDF) 5 Page - Intel Corporation

Part # JS28F640P30B85
Description  Intel StrataFlash Embedded Memory
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640P30B85 Datasheet(HTML) 5 Page - Intel Corporation

  JS28F640P30B85 Datasheet HTML 1Page - Intel Corporation JS28F640P30B85 Datasheet HTML 2Page - Intel Corporation JS28F640P30B85 Datasheet HTML 3Page - Intel Corporation JS28F640P30B85 Datasheet HTML 4Page - Intel Corporation JS28F640P30B85 Datasheet HTML 5Page - Intel Corporation JS28F640P30B85 Datasheet HTML 6Page - Intel Corporation JS28F640P30B85 Datasheet HTML 7Page - Intel Corporation JS28F640P30B85 Datasheet HTML 8Page - Intel Corporation JS28F640P30B85 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
5
14.3
CFI Query ...........................................................................................................................77
Appendix A
Write State Machine..........................................................................................78
Appendix B
Flowcharts ............................................................................................................85
Appendix C
Common Flash Interface ................................................................................93
Appendix D
Additional Information................................................................................... 100
Appendix E
Ordering Information for Discrete Products ........................................ 101
Appendix F
Ordering Information for SCSP Products..............................................102


Similar Part No. - JS28F640P30B85

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
JS28F640P30B85 NUMONYX-JS28F640P30B85 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
More results

Similar Description - JS28F640P30B85

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Numonyx B.V
JS28F256P33BFA NUMONYX-JS28F256P33BFA Datasheet
374Kb / 18P
   NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com