Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJL3281A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJL3281A
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJL3281A Datasheet(HTML) 5 Page - ON Semiconductor

  MJL3281A Datasheet HTML 1Page - ON Semiconductor MJL3281A Datasheet HTML 2Page - ON Semiconductor MJL3281A Datasheet HTML 3Page - ON Semiconductor MJL3281A Datasheet HTML 4Page - ON Semiconductor MJL3281A Datasheet HTML 5Page - ON Semiconductor MJL3281A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MJL3281A MJL1302A
5
Motorola Bipolar Power Transistor Device Data
Figure 14. MJL1302A Typical Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 15. MJL3281A Typical Capacitance
VR, REVERSE VOLTAGE (VOLTS)
10000
1000
100
100
10
1.0
0.1
10000
1000
100
100
10
1.0
0.1
TJ = 25°C
ftest = 1 MHz
Cib
Cob
TJ = 25°C
ftest = 1 MHz
Cib
Cob
PNP MJL1302A
NPN MJL3281A
TYPICAL CHARACTERISTICS


Similar Part No. - MJL3281A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
logo
ON Semiconductor
MJL3281A ONSEMI-MJL3281A Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
MJL3281A ONSEMI-MJL3281A Datasheet
114Kb / 5P
   Complementary Bipolar Power Transistors
September, 2013 ??Rev. 11
logo
Inchange Semiconductor ...
MJL3281A ISC-MJL3281A Datasheet
222Kb / 2P
   isc Silicon NPN Power Transistor
logo
Thinki Semiconductor Co...
MJL3281A THINKISEMI-MJL3281A Datasheet
2Mb / 5P
   200Watt/15A/260V Silicon Epitaxial Planar NPN Power Transistor
Rev.13T
More results

Similar Description - MJL3281A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com