Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FID3Z2LX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FID3Z2LX
Description  The FID3Z2KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FID3Z2LX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FID3Z2LX Datasheet HTML 1Page - List of Unclassifed Manufacturers FID3Z2LX Datasheet HTML 2Page - List of Unclassifed Manufacturers FID3Z2LX Datasheet HTML 3Page - List of Unclassifed Manufacturers FID3Z2LX Datasheet HTML 4Page - List of Unclassifed Manufacturers FID3Z2LX Datasheet HTML 5Page - List of Unclassifed Manufacturers FID3Z2LX Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PIN Photodiode
FID3Z2KXLX
Fig. 1 Spectral Response (
η vs. λ)
Fig. 2 Spectral Response (R vs.
λ)
Fig. 3 Temperature Dependence of Responsivity
Temperature, Ta (
°C)
600
1200
800
1400
1600
1800
1000
0.1
1.0
0.5
Ta = 25°C
Ta = 25°C
Wavelength,
λ (nm)
Wavelength,
λ (nm)
60
40
100
20
0
80
1200
1400
1600
1800
1000
800
600
VR = 1V
VR = 1V
-6
-4
-2
2
4
0
40
60
80
20
0
-20
-40
λ = 1,310nm
VR = 1V
Fig. 4 Dark Current vs. Reverse Voltage
10
20
0
10-12
10-13
10-10
10-9
10-8
10-11
Reverse Voltage, VR (V)
Ta = 25°C
Ta = -40°C
Ta = 85°C


Similar Part No. - FID3Z2LX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FID3Z1KX ETC1-FID3Z1KX Datasheet
248Kb / 6P
   The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
FID3Z1LX ETC1-FID3Z1LX Datasheet
248Kb / 6P
   The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
More results

Similar Description - FID3Z2LX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FID3Z1LX ETC1-FID3Z1LX Datasheet
248Kb / 6P
   The FID3Z1KX/LX is a PIN photodiode with a multimode fiber pigtail designed for use in local area network
logo
Advanced Photonix, Inc.
SD019-141-411-RGB ADVANCEDPHOTONIX-SD019-141-411-RGB Datasheet
310Kb / 4P
   The SD019-141-411 is a is a silicon PIN 0.18mm짼 active area photodiode assembled in a 0805 package with an integrated bandpass filter.
logo
List of Unclassifed Man...
MX98905B ETC1-MX98905B Datasheet
352Kb / 86P
   The MX98905 is designed for easy implementation of CSMA/CD local area networks,
logo
Honeywell Solid State E...
HFD7000-212 HONEYWELL-HFD7000-212 Datasheet
366Kb / 4P
   Designed to meet industrial LAN (Local Area Network) specificatons
logo
Estek Electronics Co. L...
ET-LM386 ESTEK-ET-LM386 Datasheet
293Kb / 1P
   The MIK386 is a power amplifier designed for use in low voltage consumer applications
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
   Local Area Network ATM Transceiver
logo
E-Tech Electronics LTD
G9018 ETL-G9018 Datasheet
170Kb / 2P
   The G9018 is designed for use in AM/FM amplifier and local oscillator of FM/VHF tuner
logo
Samsung semiconductor
KA386B SAMSUNG-KA386B Datasheet
102Kb / 4P
   the ka386b/bd/bs is a power amplifier designed for use in low voltage consumer applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com