Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW21191 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJW21191
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21191 Datasheet(HTML) 5 Page - ON Semiconductor

  MJW21191 Datasheet HTML 1Page - ON Semiconductor MJW21191 Datasheet HTML 2Page - ON Semiconductor MJW21191 Datasheet HTML 3Page - ON Semiconductor MJW21191 Datasheet HTML 4Page - ON Semiconductor MJW21191 Datasheet HTML 5Page - ON Semiconductor MJW21191 Datasheet HTML 6Page - ON Semiconductor MJW21191 Datasheet HTML 7Page - ON Semiconductor MJW21191 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJW21192 MJW21191
5
Motorola Bipolar Power Transistor Device Data
IC, COLLECTOR CURRENT (AMPS)
Figure 13. NPN — MJW21192
VCE = 2.0 V VBE(on) Curve
Figure 14. PNP — MJW21191
VCE = 2.0 V VBE(on) Curve
NPN — MJW21192
PNP — MJW21191
10
1.0
0.1
10
0.001
1.0
25
°C
100
°C
50
°C
0.01
0.1
IC, COLLECTOR CURRENT (AMPS)
10
1.0
0.1
10
0.001
1.0
25
°C
100
°C
50
°C
0.01
0.1
SPACE


Similar Part No. - MJW21191

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJW21191 MOTOROLA-MJW21191 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
logo
ON Semiconductor
MJW21191 ONSEMI-MJW21191 Datasheet
73Kb / 6P
   8.0 A POWER TRANSISTORS COMPLEMENTARY SILICON 150 V, 125 W
June, 2005 ??Rev. 2
logo
Savantic, Inc.
MJW21191 SAVANTIC-MJW21191 Datasheet
119Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
MJW21191 ISC-MJW21191 Datasheet
242Kb / 2P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
MJW21191 SAVANTIC-MJW21191 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - MJW21191

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com