Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54055 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # 54055
Description  150 watt, tungsten halogen, low voltage without reflector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

54055 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  54055 Datasheet HTML 1Page - Gilway Technical Lamp 54055 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Return to search
Print Page
Product Number:
54055
Order Abbreviation: FDS/DZE 64643
General Description: 150 watt, tungsten halogen, low voltage without reflector
Product Information
Abbrev. With Packaging Info.
FDSDZE64643 24V 30/CS 1/SKU
ANSI Code
FDS/DZE
Application
Projector, Microfilm, Microscope, Studio
Average Rated Life (hr)
100
Base
GY9.5 Bipin Prefocus
Bulb
T4
Class
C (gas)
Color Rendering Index (CRI)
100
Diameter d (in)
0.585
Diameter d (mm)
15
Distance a (in)
1.330
Distance a (mm)
34.1
Filament Dimensions Length (in)
0.117
Filament Dimensions Length (mm)
3.0
Filament Dimensions Width (in)
0.234
Filament Dimensions Width (mm)
6.0
Lamp Finish
Clear
Length l (in)
2.223
Length l (mm)
57
LIF Code
A1/262
Luminous Flux (lm)
5000
Maximum Overall Length - MOL (in)
2.223
Maximum Overall Length - MOL (mm)
57
Nominal Voltage (V)
24.00
Nominal Wattage (W)
150.00
Operating Position
s 90
Page 1 of 2
Product Details
09/22/2003
http://ecom.mysylvania.com/sylvaniab2c/catalog/updateItems.do


Similar Part No. - 54055

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5405 POMONA-5405 Datasheet
35Kb / 1P
   Double Banana Plug With Binding Posts
logo
OSRAM GmbH
54050 OSRAM-54050 Datasheet
40Kb / 2P
   Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
logo
List of Unclassifed Man...
540501MED-0842X ETC2-540501MED-0842X Datasheet
189Kb / 1P
   fire alarm markets leading conventional sounder
logo
Murata Manufacturing Co...
54050C MURATA-54050C Datasheet
114Kb / 2P
   15A Current Sensing Transformers
logo
Murata Power Solutions ...
54050C MURATA-PS-54050C Datasheet
131Kb / 3P
   15A Current Sensing Transformers
2021
More results

Similar Description - 54055

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
54755 GILWAY-54755 Datasheet
54Kb / 2P
   150 watt, tungsten halogen, low voltage without reflector
54021 GILWAY-54021 Datasheet
30Kb / 2P
   20 watt, tungsten halogen low voltage without reflector
54027 GILWAY-54027 Datasheet
30Kb / 2P
   35 watt, tungsten halogen, low voltage without reflector
54022 GILWAY-54022 Datasheet
34Kb / 2P
   30 watt, tungsten halogen, low voltage without reflector
54409 GILWAY-54409 Datasheet
46Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54411 GILWAY-54411 Datasheet
45Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54753 GILWAY-54753 Datasheet
32Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54745 GILWAY-54745 Datasheet
46Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54660 GILWAY-54660 Datasheet
36Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54732 GILWAY-54732 Datasheet
46Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com