Electronic Components Datasheet Search |
|
AS7C33128PFD36B-166TQI Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation |
|
AS7C33128PFD36B-166TQI Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation |
9 / 19 page AS7C33128PFD32B AS7C33128PFD36B ® 1/31/05; v.1.1 Alliance Semiconductor P. 9 of 19 DC electrical characteristics for 3.3V I/O operation DC electrical characteristics for 2.5V I/O operation † LBO and ZZ pins have an internal pull-up or pull-down, and input leakage = ±10 µA. *VIH max < VDD +1.5V for pulse width less than 0.2 X tCYC **VIL min = -1.5 for pulse width less than 0.2 X tCYC IDD operating conditions and maximum limits Parameter Sym Conditions Min Max Unit Input leakage current† |ILI|VDD = Max, 0V < VIN < VDD -2 2 µA Output leakage current |ILO|OE ≥ VIH, VDD = Max, 0V < VOUT < VDDQ -2 2 µA Input high (logic 1) voltage VIH Address and control pins 2* VDD+0.3 V I/O pins 2* VDDQ+0.3 Input low (logic 0) voltage VIL Address and control pins -0.3** 0.8 V I/O pins -0.5** 0.8 Output high voltage VOH IOH = –4 mA, VDDQ = 3.135V 2.4 – V Output low voltage VOL IOL = 8 mA, VDDQ = 3.465V – 0.4 V Parameter Sym Conditions Min Max Unit Input leakage current† |ILI|VDD = Max, 0V < VIN < VDD -2 2 µA Output leakage current |ILO|OE ≥ VIH, VDD = Max, 0V < VOUT < VDDQ -2 2 µA Input high (logic 1) voltage VIH Address and control pins 1.7* VDD+0.3 V I/O pins 1.7* VDDQ+0.3 V Input low (logic 0) voltage VIL Address and control pins -0.3** 0.7 V I/O pins -0.3** 0.7 V Output high voltage VOH IOH = –4 mA, VDDQ = 2.375V 1.7 – V Output low voltage VOL IOL = 8 mA, VDDQ = 2.625V – 0.7 V Parameter Sym Conditions -200 -166 -133 Unit Operating power supply current1 1 ICC given with no output loading. ICC increases with faster cycle times and greater output loading. ICC CE0 < VIL, CE1 > VIH, CE2 < VIL, f = fMax, IOUT = 0 mA, ZZ < VIL 375 350 325 mA Standby power supply current ISB All VIN ≤ 0.2V or > VDD – 0.2V, Deselected, f = fMax, ZZ < VIL 130 100 90 mA ISB1 Deselected, f = 0, ZZ < 0.2V, all VIN ≤ 0.2V or ≥ VDD – 0.2V 30 30 30 ISB2 Deselected, f = fMax, ZZ ≥ VDD – 0.2V, all VIN ≤ VIL or ≥ VIH 30 30 30 |
Similar Part No. - AS7C33128PFD36B-166TQI |
|
Similar Description - AS7C33128PFD36B-166TQI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |