Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33256FT32A-75TQI Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C33256FT32A-75TQI
Description  3.3V 256K x 32/36 Flow-through synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256FT32A-75TQI Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C33256FT32A-75TQI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33256FT32A-75TQI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33256FT32A-75TQI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33256FT32A-75TQI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33256FT32A-75TQI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33256FT32A-75TQI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256FT32A-75TQI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256FT32A-75TQI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256FT32A-75TQI Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
®
AS7C33256FT32A
AS7C33256FT36A
11/30/04, v 1.1
Alliance Semiconductor
4 of 19
Functional description
The AS7C33256FT32A/36A is a high-performance CMOS 8-Mbit synchronous Static Random Access Memory (SRAM) device organized
as 262,144 words × 32 or 36 bits.
Fast cycle times of 8.5/10/12 ns with clock access times (tCD) of 7.5/8.5/10 ns. Three chip enable (CE) inputs permit easy memory expansion.
Burst operation is initiated in one of two ways: the controller address strobe (ADSC), or the processor address strobe (ADSP). The burst
advance pin (ADV) allows subsequent internally generated burst addresses.
Read cycles are initiated with ADSP (regardless of WE and ADSC) using the new external address clocked into the on-chip address register
when ADSP is sampled low, the chip enables are sampled active, and the output buffer is enabled with OE. In a read operation, the data
accessed by the current address registered in the address registers by the positive edge of CLK are carried to the data-out buffer. ADV is
ignored on the clock edge that samples ADSP asserted, but is sampled on all subsequent clock edges. Address is incremented internally for
the next access of the burst when ADV is sampled low and both address strobes are high. Burst mode is selectable with the LBO input. With
LBO unconnected or driven high, burst operations use an interleaved count sequence. With LBO driven low, the device uses a linear count
sequence.
Write cycles are performed by disabling the output buffers with OE and asserting a write command. A global write enable GWE writes all 32/
36 regardless of the state of individual BW[a:d] inputs. Alternately, when GWE is high, one or more bytes may be written by asserting BWE
and the appropriate individual byte BWn signals.
BWn is ignored on the clock edge that samples ADSP low, but it is sampled on all subsequent clock edges. Output buffers are disabled when
BWn is sampled LOW regardless of OE. Data is clocked into the data input register when BWn is sampled low. Address is incremented
internally to the next burst address if BWn and ADV are sampled low.
Read or write cycles may also be initiated with ADSC instead of ADSP. The differences between cycles initiated with ADSC and ADSP
follow.
• ADSP must be sampled high when ADSC is sampled low to initiate a cycle with ADSC.
•WE signals are sampled on the clock edge that samples ADSC low (and ADSP high).
• Master chip enable CE0 blocks ADSP, but not ADSC.
The AS7C33256FT32A and AS7C33256FT36A family operates from a core 3.3V power supply. I/Os use a separate power supply that can
operate at 2.5V or 3.3V. These devices are available in a 100-pin TQFP.
TQFP capacitance
*Guaranteed not tested
TQFP thermal resistance
Parameter
Symbol
Test conditions
Min
Max
Unit
Input capacitance
CIN
*
VIN = 0V
-
5
pF
I/O capacitance
CI/O
*
VOUT = 0V
-
7
pF
Description
Conditions
Symbol
Typical
Units
Thermal resistance
(junction to ambient)1
1 This parameter is sampled
Test conditions follow standard test methods and
procedures for measuring thermal impedance,
per EIA/JESD51
1–layer
θJA
40
°C/W
4–layer
θJA
22
°C/W
Thermal resistance
(junction to top of case)1
θJC
8
°C/W


Similar Part No. - AS7C33256FT32A-75TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C33256FT18B-10TQC ALSC-AS7C33256FT18B-10TQC Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C33256FT18B-10TQCN ALSC-AS7C33256FT18B-10TQCN Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C33256FT18B-10TQI ALSC-AS7C33256FT18B-10TQI Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C33256FT18B-10TQIN ALSC-AS7C33256FT18B-10TQIN Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
More results

Similar Description - AS7C33256FT32A-75TQI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C331MFT32A ALSC-AS7C331MFT32A Datasheet
522Kb / 19P
   3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C33512FT32A ALSC-AS7C33512FT32A Datasheet
523Kb / 19P
   3.3V 512K x 32/36 Flow-through synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
   3.3V 256K x 18 Flow Through Synchronous SRAM
logo
Austin Semiconductor
AS5SS256K36 AUSTIN-AS5SS256K36 Datasheet
332Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
AS5SS256K36 AUSTIN-AS5SS256K36_05 Datasheet
397Kb / 16P
   256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS32A ALSC-AS7C33256PFS32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C33256PFD32A ALSC-AS7C33256PFD32A Datasheet
527Kb / 20P
   3.3V 256K x 32/36 pipelined burst synchronous SRAM
AS7C251MFT32A ALSC-AS7C251MFT32A Datasheet
520Kb / 19P
   2.5V 1M x 32/36 Flow-through synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com