Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33128PFS36B-133TQIN Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C33128PFS36B-133TQIN
Description  3.3V 128K X 32/36 pipeline burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33128PFS36B-133TQIN Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C33128PFS36B-133TQIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C33128PFS36B-133TQIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33128PFS36B-133TQIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33128PFS36B-133TQIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33128PFS36B-133TQIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33128PFS36B-133TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33128PFS36B-133TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33128PFS36B-133TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33128PFS36B-133TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
December 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C33128PFS32B
AS7C33128PFS36B
3.3V 128K X 32/36 pipeline burst synchronous SRAM
12/10/04; v.1.7
Alliance Semiconductor
P. 1 of 19
Features
• Organization: 131,072 words × 32 or 36 bits
• Fast clock speeds to 200 MHz
• Fast clock to data access: 3.0/3.5/4.0 ns
•Fast OE access time: 3.0/3.5/4.0 ns
• Fully synchronous register-to-register operation
• Single-cycle deselect
• Asynchronous output enable control
• Available in 100-pin TQFP package
• Individual byte write and global write
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Linear or interleaved burst control
• Snooze mode for reduced power-standby
• Common data inputs and data outputs
Logic block diagram
Q0
Q1
128K × 32/36
Memory
array
Burst logic
CLK
CLR
CE
Address
DQ
CE
CLK
DQd
CLK
DQ
Byte write
registers
register
DQc
CLK
DQ
Byte write
registers
DQb
CLK
DQ
Byte write
registers
DQa
CLK
DQ
Byte write
registers
Enable
CLK
DQ
register
Enable
CLK
DQ
delay
register
CE
Output
registers
Input
registers
Power
down
4
36/32
17
15
17
17
GWE
BWE
BWd
ADV
ADSC
ADSP
CLK
CE0
CE1
CE2
BWc
BWb
BWa
OE
A[16:0]
ZZ
LBO
OE
CLK
CLK
36/32
36/32
DQ [a:d]
Selection guide
–200
–166
–133
Units
Minimum cycle time
5
6
7.5
ns
Maximum clock frequency
200
166
133
MHz
Maximum clock access time
3.0
3.5
4
ns
Maximum operating current
375
350
325
mA
Maximum standby current
130
100
90
mA
Maximum CMOS standby current (DC)
30
30
30
mA


Similar Part No. - AS7C33128PFS36B-133TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFS36A ALSC-AS7C33128PFS36A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS36A-100TQC ALSC-AS7C33128PFS36A-100TQC Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS36A-100TQI ALSC-AS7C33128PFS36A-100TQI Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS36A-133TQC ALSC-AS7C33128PFS36A-133TQC Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS36A-133TQI ALSC-AS7C33128PFS36A-133TQI Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33128PFS36B-133TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
List of Unclassifed Man...
GVT71128D32 ETC1-GVT71128D32 Datasheet
56Kb / 13P
   128K X 32 SYNCHRONOUS BURST SRAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com