Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S15B-EH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S15B-EH
Description  Disconnectable Crimp style connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S15B-EH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S15B-EH Datasheet HTML 1Page - List of Unclassifed Manufacturers S15B-EH Datasheet HTML 2Page - List of Unclassifed Manufacturers S15B-EH Datasheet HTML 3Page - List of Unclassifed Manufacturers S15B-EH Datasheet HTML 4Page - List of Unclassifed Manufacturers S15B-EH Datasheet HTML 5Page - List of Unclassifed Manufacturers S15B-EH Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
53
EH CONNECTOR
Shrouded header –––––––––––––––––––––––––––––––––––––––––––––––––––––––––
A
B
3.8(.150)
0.64
(.025)
2.5(.098)
1.6(.063)
Circuit No.1
3.8(.150)
B
A
0.64
(.025)
1.6(.063)
2.5
(.098)
2.5
(.098)
Circuit No.1
A
B
4.2(.165)
3.2
(.126)
2.5
(.098)
2.5
(.098)
0.64
(.025)
Circuit No.1
Model No.
Q'ty / box
Cir-
cuits
Dimensions mm.(in)
Top entry
type
Side entry
type
AB
Top entry
type
Material and Finish
2
3
4
5
6
7
8
9
10
11
12
13
14
15
B 2B-EH-A
B 3B-EH-A
B 4B-EH-A
B 5B-EH-A
B 6B-EH-A
B 7B-EH-A
B 8B-EH-A
B 9B-EH-A
B10B-EH-A
B11B-EH-A
B12B-EH-A
B13B-EH-A
B14B-EH-A
B15B-EH-A
2.5( .098)
5.0( .197)
7.5( .295)
10.0( .394)
12.5( .492)
15.0( .591)
17.5( .689)
20.0( .787)
22.5( .866)
25.0( .984)
27.5(1.083)
30.0(1.181)
32.5(1.280)
35.0(1.378)
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
250
250
250
S 2B-EH
S 3B-EH
S 4B-EH
S 5B-EH
S 6B-EH
S 7B-EH
S 8B-EH
S 9B-EH
S10B-EH
S11B-EH
S12B-EH
S13B-EH
S14B-EH
S15B-EH
7.5( .295)
10.0( .394)
12.5( .492)
15.0( .591)
17.5( .689)
20.0( .787)
22.5( .886)
25.0( .984)
27.5(1.083)
30.0(1.181)
32.5(1.280)
35.0(1.378)
37.5(1.476)
40.0(1.575)
Post: Brass, copper-undercoated, tin/lead plated
Wafer: Nylon 66, UL94V-0, natural (white)
Side entry
type
1,000
1,000
1,000
1,000
500
500
500
500
500
250
250
250
250
250
The shrouded headers are interchangeable with those of the HR crimp style and insulation displacement connectors.
Top entry type
Side entry type
(2 circuits)
(3 to 15 circuits)
Note:
1. Also available and identified as model BxxB-EH is a top entry type having a
post extension length of 4.0mm(.157")
2. Top entry type headers are not TU
¨ V approved.
PC board layout (viewed from soldering side) and Assembly layout –––––––––––––––––––
(.150)
3.8
2.5
±0.05
(.098
±.002)
2.5
(.098)min.
0.9
+ 0.1
(.035
+.004)dia.
0
0
10.3(.406)
8.2(.323)
2.5
±0.05
(.098
±.002)
1.9
(.074)min.
0.9
+ 0.1
(.035
+.004)dia.
0
0
Note:
1. Tolerances are non-cumulative: ±0.05mm(±.002" ) for all centers.
2. Hole dimension differ according to the kind of PC board and piercing method. If PC boards made of hard material such as FR-4 are used, the hole dimensions
should be larger. The dimensions above should serve as a guideline. Contact JST for details.
Top entry type
Side entry type
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
<Top entry type>
ex.
B2B-EH-A-o o-
(blank)…natural (white)
K…black R…red E…blue Y…yellow M…green
<Side entry type>
ex.
S2B-EH-o o-
(blank)…natural (white)
K…black R…red TR…tomato red
E…blue Y…yellow
L…lemon yellow M…green O…orange N…brown P…purple
PK…pink H…gray LE…light blue FY…vivid yellow


Similar Part No. - S15B-EH

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
S15B-EH JST-S15B-EH Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S15B-EH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com