Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54745 Datasheet(PDF) 1 Page - Gilway Technical Lamp

Part # 54745
Description  150 watt, tungsten halogen, low to medium voltage with reflector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

54745 Datasheet(HTML) 1 Page - Gilway Technical Lamp

  54745 Datasheet HTML 1Page - Gilway Technical Lamp 54745 Datasheet HTML 2Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Return to search
Print Page
Product Number:
54745
Order Abbreviation: ELD
General
Description:
150 watt, tungsten halogen, low to medium voltage with
reflector
Product Information
Abbrev. With Packaging Info.
ELD 21V 24/CS 1/SKU
ANSI Code
ELD
Application
Projector - Microfilm
Average Rated Life (hr)
40
Base
GX5.3 Bipin
Bulb
MR16
Class
C (gas)
Color Rendering Index (CRI)
100
Color Temperature (K)
3200
Diameter d (in)
1.989
Diameter d (mm)
51
Filament
C-8
Lamp Finish
Clear
Length l (in)
1.486
Length l (mm)
38.1
Length l max. (in)
1.486
Length l max. (mm)
38.1
Luminous Flux (lm)
350
Maximum Overall Length - MOL (in)
1.689
Maximum Overall Length - MOL (mm)
43.3
Nominal Voltage (V)
21.00
Nominal Wattage (W)
150.00
Operating Position
Any
Reflector Coating
White
Type of Current
AC
Working Distance a (in)
1.088
Working Distance a (mm)
27.9
Additional Product Information
Product Documents, Graphs, and Images
Page 1 of 2
Product Details
09/22/2003
http://ecom.mysylvania.com/sylvaniab2c/catalog/updateItems.do


Similar Part No. - 54745

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54745 ETC-54745 Datasheet
269Kb / 1P
   C-Tap Connectors for Copper Conductor
54745 ETC2-54745 Datasheet
269Kb / 1P
   C-Taps for 600V Applications
More results

Similar Description - 54745

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
54409 GILWAY-54409 Datasheet
46Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54411 GILWAY-54411 Datasheet
45Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54753 GILWAY-54753 Datasheet
32Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54732 GILWAY-54732 Datasheet
46Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
54660 GILWAY-54660 Datasheet
36Kb / 2P
   150 watt, tungsten halogen, low to medium voltage with reflector
58786 GILWAY-58786 Datasheet
37Kb / 2P
   50 watt, tungsten halogen, low to medium voltage with reflector
54232 GILWAY-54232 Datasheet
36Kb / 2P
   75 watt, tungsten halogen, low to medium voltage with reflector.
54730 GILWAY-54730 Datasheet
46Kb / 2P
   200 watt, tungsten halogen, low to medium voltage with reflector
54840 GILWAY-54840 Datasheet
35Kb / 2P
   250 watt, tungsten halogen, low to medium voltage with reflector
54737 GILWAY-54737 Datasheet
46Kb / 2P
   80 watt, tungsten halogen, low to medium voltage with reflector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com