Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7B-EH-TS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B7B-EH-TS
Description  Disconnectable Crimp style connectors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B7B-EH-TS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B7B-EH-TS Datasheet HTML 1Page - List of Unclassifed Manufacturers B7B-EH-TS Datasheet HTML 2Page - List of Unclassifed Manufacturers B7B-EH-TS Datasheet HTML 3Page - List of Unclassifed Manufacturers B7B-EH-TS Datasheet HTML 4Page - List of Unclassifed Manufacturers B7B-EH-TS Datasheet HTML 5Page - List of Unclassifed Manufacturers B7B-EH-TS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
52
EH CONNECTOR
Contact –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
1.1(.039)
5.7(.224)
2.85(.112)
2.05(.081)
1.6(.063)
Model No.
Applicable wire
mm2
AWG #
Insulation O.D. mm(in.)
Q'ty /
reel
SEH-001T-P0.6
SEH-003T-P0.6L
0.05 to 0.3
0.032 to 0.08
30 to 22
32 to 28
1.0 to 1.9(.039 to .075)
0.5 to 1.1(.020 to .043)
10,000
Material and Finish
Phosphor bronze, tin-plated
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
0.7
3.8(.150)
(.028)
A
B
2
13
6
7
2.25
(.089) 2.5(.098)
Circuit No.1
Model No.
Q'ty /
bag
Cir-
cuits
Dimensions mm(in.)
AB
Material
2
3
4
5
6
7
8
9
10
11
12
13
14
15
EHR- 2
EHR- 3
EHR- 4
EHR- 5
EHR- 6
EHR- 7
EHR- 8
EHR- 9
EHR-10
EHR-11
EHR-12
EHR-13
EHR-14
EHR-15
2.5( .098)
5.0( .197)
7.5( .295)
10.0( .394)
12.5( .492)
15.0( .591)
17.5( .689)
20.0( .787)
22.5( .866)
25.0( .984)
27.5(1.083)
30.0(1.181)
32.5(1.280)
35.0(1.378)
7.0( .276)
9.5( .374)
12.0( .472)
14.5( .571)
17.0( .669)
19.5( .768)
22.0( .866)
24.5( .965)
27.0(1.063)
29.5(1.161)
32.0(1.260)
34.5(1.358)
37.0(1.457)
39.5(1.555)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Nylon 66, UL94V-0, natural (white)
Note: 1. Contact JST for gold-plated contacts.
2. SEH-003T-P0.6L is not TU
¨ V approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
EHR-2-o o-
(blank)…natural (white)
K…black R…red TR…tomato red
E…blue Y…yellow
L…lemon yellow M…green O…orange N…brown PL…purple
PK…pink H…gray LE…light blue FY…vivid yellow


Similar Part No. - B7B-EH-TS

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
B7B-EH-TS JST-B7B-EH-TS Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B7B-EH-TS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com