Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33256PFS18B-166TQIN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFS18B-166TQIN
Description  3.3V 256K X 18 pipeline burst synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFS18B-166TQIN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS7C33256PFS18B-166TQIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256PFS18B-166TQIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFS18B-166TQIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFS18B-166TQIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33256PFS18B-166TQIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C33256PFS18B-166TQIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C33256PFS18B-166TQIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C33256PFS18B-166TQIN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C33256PFS18B-166TQIN Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AS7C33256PFS18B
®
12/10/04; v.1.7
Alliance Semiconductor
P. 10 of 19
Snooze Mode Electrical Characteristics
Timing characteristics over operating range
Parameter
Sym
–200
–166
–133
Unit
Notes1
1
See “Notes” on page 16.
Min
Max
Min
Max
Min
Max
Clock frequency
fMax
–200
166
133
MHz
Cycle time
tCYC
5–
6
7.5
ns
Clock access time
tCD
–3.0
–3.5
–4.0
ns
Output enable LOW to data valid
tOE
–3.0
–3.5
–4.0
ns
Clock HIGH to output Low Z
tLZC
0–
0
0
ns
2,3,4
Data output invalid from clock HIGH
tOH
1.5
1.5–1.5
ns
2
Output enable LOW to output Low Z
tLZOE
0–
0
0
ns
2,3,4
Output enable HIGH to output High Z
tHZOE
–3.0
3.5
4.0
ns
2,3,4
Clock HIGH to output High Z
tHZC
–3.0
3.5
4.0
ns
2,3,4
Output enable HIGH to invalid output
tOHOE
0–
0–0
ns
Clock HIGH pulse width
tCH
2.0
2.4–2.5
ns
5
Clock LOW pulse width
tCL
2.3
2.4–2.5
ns
5
Address setup to clock HIGH
tAS
1.4
1.5–1.5
ns
6
Data setup to clock HIGH
tDS
1.4
1.5–1.5
ns
6
Write setup to clock HIGH
tWS
1.4
1.5
1.5
ns
6,7
Chip select setup to clock HIGH
tCSS
1.4
1.5
1.5
ns
6,8
Address hold from clock HIGH
tAH
0.4
0.5–0.5
ns
6
Data hold from clock HIGH
tDH
0.4
0.5–0.5
ns
6
Write hold from clock HIGH
tWH
0.4
0.5
0.5
ns
6,7
Chip select hold from clock HIGH
tCSH
0.4
0.5
0.5
ns
6,8
ADV setup to clock HIGH
tADVS
1.4
1.5–1.5
ns
6
ADSP setup to clock HIGH
tADSPS
1.4
1.5–1.5
ns
6
ADSC setup to clock HIGH
tADSCS
1.4
1.5–1.5
ns
6
ADV hold from clock HIGH
tADVH
0.4
0.5–0.5
ns
6
ADSP hold from clock HIGH
tADSPH
0.4
0.5–0.5
ns
6
ADSC hold from clock HIGH
tADSCH
0.4
0.5–0.5
ns
6
Description
Conditions
Symbol
Min
Max
Units
Current during Snooze Mode
ZZ > VIH
ISB2
30
mA
ZZ active to input ignored
tPDS
2cycle
ZZ inactive to input sampled
tPUS
2cycle
ZZ active to SNOOZE current
tZZI
2cycle
ZZ inactive to exit SNOOZE current
tRZZI
0


Similar Part No. - AS7C33256PFS18B-166TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFS18A ALSC-AS7C33256PFS18A Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
AS7C33256PFS18A-100TQC ALSC-AS7C33256PFS18A-100TQC Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
AS7C33256PFS18A-100TQI ALSC-AS7C33256PFS18A-100TQI Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
AS7C33256PFS18A-133TQC ALSC-AS7C33256PFS18A-133TQC Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
AS7C33256PFS18A-133TQI ALSC-AS7C33256PFS18A-133TQI Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33256PFS18B-166TQIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33256PFS16A ALSC-AS7C33256PFS16A Datasheet
219Kb / 11P
   3.3V 256K 횞 16/18 pipeline burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com