Electronic Components Datasheet Search |
|
AS7C33256PFD36A-133TQIN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation |
|
AS7C33256PFD36A-133TQIN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation |
10 / 20 page AS7C33256PFD32A AS7C33256PFD36A ® 12/1/04, v.1.2 Alliance Semiconductor P. 10 of 20 Timing characteristics for 3.3 V I/O operation Parameter Symbol –166 –133 Unit Notes1 Min Max Min Max Clock frequency fMax –166 –133 MHz Cycle time tCYC 6 – 7.5 – ns Clock access time tCD -3.5 -4.0 ns Output enable low to data valid tOE –3.5 –4.0 ns Clock high to output low Z tLZC 0–0 – ns 2,3,4 Data output invalid from clock high tOH 1.5 – 1.5 – ns 2 Output enable low to output low Z tLZOE 0–0 – ns 2,3,4 Output enable high to output high Z tHZOE – 3.5 – 4.0 ns 2,3,4 Clock high to output high Z tHZC – 3.5 – 4.0 ns 2,3,4 Output enable high to invalid output tOHOE 0–0 – ns Clock high pulse width tCH 2.4 – 2.5 – ns 5 Clock low pulse width tCL 2.3 – 2.5 – ns 5 Address setup to clock high tAS 1.5 – 1.5 – ns 6 Data setup to clock high tDS 1.5 – 1.5 – ns 6 Write setup to clock high tWS 1.5 – 1.5 – ns 6,7 Chip select setup to clock high tCSS 1.5 – 1.5 – ns 6,8 Address hold from clock high tAH 0.5 – 0.5 – ns 6 Data hold from clock high tDH 0.5 – 0.5 – ns 6 Write hold from clock high tWH 0.5 – 0.5 – ns 6,7 Chip select hold from clock high tCSH 0.5 – 0.5 – ns 6,8 ADV setup to clock high tADVS 1.5 – 1.5 – ns 6 ADSP setup to clock high tADSPS 1.5 – 1.5 – ns 6 ADSC setup to clock high tADSCS 1.5 – 1.5 – ns 6 ADV hold from clock high tADVH 0.5 – 0.5 – ns 6 ADSP hold from clock high tADSPH 0.5 – 0.5 – ns 6 ADSC hold from clock high tADSCH 0.5 – 0.5 – ns 6 1 See “Notes” on page 17 |
Similar Part No. - AS7C33256PFD36A-133TQIN |
|
Similar Description - AS7C33256PFD36A-133TQIN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |