Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C33512FT36A-85TQC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C33512FT36A-85TQC
Description  3.3V 512K x 32/36 Flow-through synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33512FT36A-85TQC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C33512FT36A-85TQC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33512FT36A-85TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33512FT36A-85TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33512FT36A-85TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33512FT36A-85TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33512FT36A-85TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33512FT36A-85TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33512FT36A-85TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33512FT36A-85TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
®
AS7C33512FT32A
AS7C33512FT36A
12/23/04, v 1.4
Alliance Semiconductor
6 of 19
Write enable truth table (per byte)
Key: X = don’t care, L = low, H = high, n = a, b, c, d;
BWE, BWn = internal write signal.
Asynchronous Truth Table
Notes:
1. X means “Don’t Care”
2. ZZ pin is pulled down internally
3. For write cycles that follows read cycles, the output buffers must be disabled with OE, otherwise data bus contention will occur.
4. Snooze mode means power down state of which stand-by current does not depend on cycle times
5. Deselected means power down state of which stand-by current depends on cycle times
Burst sequence table
Function
GWE
BWE
BWa
BWb
BWc
BWd
Write All Bytes
L
X
XXX
X
H
L
LL
LL
Write Byte a
HL
LH
H
H
Write Byte c and d
HL
H
H
L
L
Read
HH
XXX
X
H
L
HHH
H
Operation
ZZ
OE
I/O Status
Snooze mode
H
X
High-Z
Read
L
L
Dout
L
H
High-Z
Write
L
X
Din, High-Z
Deselected
L
X
High-Z
Interleaved burst address (LBO = 1)
Linear burst address (LBO = 0)
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
A1 A0
1st Address
0 00 11 0
1 1
1st Address
0 0
0 11 01 1
2nd Address
0 10 01 1
1 0
2nd Address
0 1
1 01 10 0
3rd Address
1 01 10 0
0 1
3rd Address
1 0
1 10 00 1
4th Address
1 11 00 1
0 0
4th Address
1 1
1 00 11 0


Similar Part No. - AS7C33512FT36A-85TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512FT18A-10TQC ALSC-AS7C33512FT18A-10TQC Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512FT18A-10TQCN ALSC-AS7C33512FT18A-10TQCN Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512FT18A-10TQI ALSC-AS7C33512FT18A-10TQI Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512FT18A-10TQIN ALSC-AS7C33512FT18A-10TQIN Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
More results

Similar Description - AS7C33512FT36A-85TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364FT32B ALSC-AS7C3364FT32B Datasheet
417Kb / 19P
   3.3V 64K x 32/36 Flow Through Synchronous SRAM
AS7C33256FT32A ALSC-AS7C33256FT32A Datasheet
522Kb / 19P
   3.3V 256K x 32/36 Flow-through synchronous SRAM
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
AS7C331MFT32A ALSC-AS7C331MFT32A Datasheet
522Kb / 19P
   3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
   3.3V 512K x 18 Flow-through synchronous SRAM
AS7C33512PFD32A ALSC-AS7C33512PFD32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C33512PFS32A ALSC-AS7C33512PFS32A Datasheet
541Kb / 19P
   3.3V 512K x 32/36 pipelined burst synchronous SRAM
AS7C251MFT32A ALSC-AS7C251MFT32A Datasheet
520Kb / 19P
   2.5V 1M x 32/36 Flow-through synchronous SRAM
logo
Integrated Device Techn...
IDT71V433 IDT-IDT71V433 Datasheet
261Kb / 19P
   32K x 32 3.3V Synchronous SRAM Flow-Through Outputs
logo
Alliance Semiconductor ...
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com