Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM49FL002T-33VC Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM49FL002T-33VC
Description  2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM49FL002T-33VC Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM49FL002T-33VC Datasheet HTML 3Page - PMC-Sierra, Inc PM49FL002T-33VC Datasheet HTML 4Page - PMC-Sierra, Inc PM49FL002T-33VC Datasheet HTML 5Page - PMC-Sierra, Inc PM49FL002T-33VC Datasheet HTML 6Page - PMC-Sierra, Inc PM49FL002T-33VC Datasheet HTML 7Page - PMC-Sierra, Inc PM49FL002T-33VC Datasheet HTML 8Page - PMC-Sierra, Inc PM49FL002T-33VC Datasheet HTML 9Page - PMC-Sierra, Inc PM49FL002T-33VC Datasheet HTML 10Page - PMC-Sierra, Inc PM49FL002T-33VC Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Programmable Microelectronics Corp.
Issue Date: December, 2003 Rev: 1.4
PMC
Pm49FL002 / 004
7
The Pm49FL002/004 provide three levels of data protec-
tion for the critical BIOS code of PC and Notebook. It
includes memory hardware write protection, hardware
data protection and software data protection.
MEMORY HARDWARE WRITE PROTECTION
The Pm49FL002 has a 16 Kbyte top boot block and the
Pm49FL004 has a 64 Kbyte top boot block. When work-
ing in-system, the memory hardware write protection fea-
ture can be activated by two control pins - Top Block
Lock (TBL#) and Write Protection (WP#) for both FWH
and LPC modes. When TBL# is pulled low (V
IL), the boot
block is hardware write protected. A sector erase, block
erase, or byte program command attempts to erase or
program the boot block will be ignored. When WP# is
pulled low (V
IL), the Block 0 ~ Block 14 of Pm49FL002,
or the Block 0 ~ Block 6 of Pm49FL004 (except the boot
block) are hardware write protected. Any attemp to erase
or program a sector or block within this area will be ig-
nored.
Both TBL# and WP# pins must be set low (V
IL) for pro-
tection or high (V
IH) for un-protection prior to a program
or erase operation. A logic level change on TBL# or WP#
pin during a program or erase operation may cause un-
predictable results.
The TBL# and WP# pins work in combination with the
block locking registers. When active, these pins write
protect the appropriate blocks regardless of the associ-
ated block locking registers setting.
HARDWARE DATA PROTECTION
Hardware data protection protects the devices from un-
intentional erase or program operation. It is performed
by the devices automatically in the following three ways:
(a) VCC Detection: if VCC is below 1.8 V (typical), the
program and erase functions are inhibited.
(b) Write Inhibit Mode: holding any of the signal OE#
low, or WE# high inhibits a write cycle (A/A Mux mode
only).
(c) Noise/Glitch Protection: pulses of less than 5 ns (typi-
cal) on the WE# input will not initiate a write cycle (A/A
Mux mode only).
DEVICE OPERATION (CONTINUED)
SOFTWARE DATA PROTECTION
The devices feature a software data protection function
to protect the device from an unintentional erase or pro-
gram operation. It is performed by JEDEC standard Soft-
ware Data Protection (SDP) command sequences. See
Table 14 for SDP Command Definition. A program op-
eration is initiated by three memory write cycles of un-
lock command sequence. A chip (only available in A/A
Mux mode), sector or block erase operation is initiated
by six memory write cycles of unlock command se-
quence. During SDP command sequence, any invalid
command or sequence will abort the operation and force
the device back to standby mode.
BYTE PROGRAMMING
In program operation, the data is programmed into the
devices (to a logical “0”) on a byte-by-byte basis. In FWH
and LPC modes, a program operation is activated by
writing the three-byte command sequence and program
address/data through four consecutive memory write
cycles. In A/A Mux mode, a program operation is acti-
vated by writing the three-byte command sequence and
program address/data through four consecutive bus
cycles. The row address (A10 - A0) is latched on the
falling edge of R/C# and the column address (A21 - A11)
is latched on the rising edge of R/C#. The data is latched
on the rising edge of WE#. Once the program operation
is started, the internal control logic automatically handles
the internal programming voltages and timing.
A data “0” can not be programmed back to a “1”. Only
erase operation can convert “0”s to “1”s. The Data# Poll-
ing on I/O7 or Toggle Bit on I/O6 can be used to detect
when the programming operation is completed in FWH,
LPC, and A/A Mux modes.
CHIP ERASE
The entire memory array can be erased by chip erase
operation available under the A/A Mux mode operated
by EPROM Programmer only. Pre-programs the device
is not required prior to the chip erase operation. Chip
erase starts immediately after a six-bus-cycle chip erase
command sequence. All commands will be ignored once
the chip erase operation has started. The Data# Polling
on I/O7 or Toggle Bit on I/O6 can be used to detect the
progress or completion of erase operation. The devices
will return back to standy mode after the completion of
chip erase.


Similar Part No. - PM49FL002T-33VC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM49FL002T-33VC

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
Silicon Storage Technol...
SST49LF002A SST-SST49LF002A Datasheet
412Kb / 36P
   2 Mbit / 3 Mbit / 4 Mbit / 8 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
   2 Mbit LPC Flash
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
   4 Mbit LPC Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com